Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRI1K Datasheet(PDF) 43 Page - STMicroelectronics

Part # LRI1K
Description  1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI1K Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LRI1K Datasheet HTML 39Page - STMicroelectronics LRI1K Datasheet HTML 40Page - STMicroelectronics LRI1K Datasheet HTML 41Page - STMicroelectronics LRI1K Datasheet HTML 42Page - STMicroelectronics LRI1K Datasheet HTML 43Page - STMicroelectronics LRI1K Datasheet HTML 44Page - STMicroelectronics LRI1K Datasheet HTML 45Page - STMicroelectronics LRI1K Datasheet HTML 46Page - STMicroelectronics LRI1K Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 86 page
background image
LRI1K
Explanation of the possible cases
Doc ID 17170 Rev 3
43/86
17
Explanation of the possible cases
Figure 39 summarizes the main possible cases that can occur during an anticollision
sequence when the slot number is 16.
The different steps are:
The VCD sends an Inventory request, in a frame terminated by an EOF. The number of
slots is 16.
LRI1K 1 transmits its response in Slot 0. It is the only one to do so, therefore no
collision occurs and its UID is received and registered by the VCD;
The VCD sends an EOF in order to switch to the next slot.
In slot 1, two LRI1Ks, LRI1K 2 and LRI1K 3 transmit a response, thus generating a
collision. The VCD records the event and remembers that a collision was detected in
Slot 1.
The VCD sends an EOF in order to switch to the next slot.
In Slot 2, no LRI1K transmits a response. Therefore the VCD does not detect any
LRI1K SOF and decides to switch to the next slot by sending an EOF.
In slot 3, there is another collision caused by responses from LRI1K 4 and LRI1K 5
The VCD then decides to send a request (for instance a Read Block) to LRI1K 1 whose
UID has already been correctly received.
All LRI1Ks detect an SOF and exit the anticollision sequence. They process this
request and since the request is addressed to LRI1K 1, only LRI1K 1 transmits a
response.
All LRI1Ks are ready to receive another request. If it is an Inventory command, the slot
numbering sequence restarts from 0.
Note:
The decision to interrupt the anticollision sequence is made by the VCD. It could have
continued to send EOFs until Slot 16 and only then sent the request to LRI1K 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com