Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8088GA Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA8088GA
Description  Automotive Grade GPS/Galileo/Glonass/QZSS receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088GA Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA8088GA Datasheet HTML 7Page - STMicroelectronics STA8088GA Datasheet HTML 8Page - STMicroelectronics STA8088GA Datasheet HTML 9Page - STMicroelectronics STA8088GA Datasheet HTML 10Page - STMicroelectronics STA8088GA Datasheet HTML 11Page - STMicroelectronics STA8088GA Datasheet HTML 12Page - STMicroelectronics STA8088GA Datasheet HTML 13Page - STMicroelectronics STA8088GA Datasheet HTML 14Page - STMicroelectronics STA8088GA Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
STA8088GA
Pin description
Doc ID 022679 Rev. 2
11/18
2.7
Port 0 pins
Port 0 consists of a 32-bit bidirectional I/O port (only 3-bit are used in STA8088GA).
It can be either used as general purpose Input or Output port, or configured according to the
associated alternate functions.
2.8
Port 1 pins
Port 1 consists of a 32-bit bidirectional I/O port (only9-bit are used in STA8088GA).
It can be either used as general purpose Input or Output port, or configured according to the
associated alternate functions.
Table 5.
Port 0 pins
Symbol
I/O voltage
I/O
Mode
Functions
VFQFPN56
P0.0
VDD_IOR1
IO
Default
GPIO.0: General Purpose IO
35
I
A
PPS_IN: Pulse Per Second Input
O
B
PPS_OUT: Pulse Per Second Output
P0.8
VDD_IOR5
O
Default
CAN1TX(1): CAN1 Transmit Data Output
55
IO
A
GPIO.8: General Purpose IO
IO
B
I2C_SD: I2C Serial Data
P0.9
VDD_IOR5
I
Default
CAN1RX(1): CAN1 Receive Data Input
1
IO
A
GPIO.9: General Purpose IO
O
B
I2C_SCLK: I2C Clock
1.
Only for Automotive Grade devices (STA8088GA, STA8088A).
Table 6.
Port 1 pins
Symbol
I/O Voltage
I/O
Mode
Functions
VFQFPN56
P1.0
VDD_IOR1
O
Default
SQI_CEN: SQI Flash chip enable
40
I/O
A
GPIO32: general purpose I/O
I/O
B
SIGNGGPS: GGPS 3bit coding output (sign)
P1.1
VDD_IOR1
O
Default
SQI_CLK: SQI Flash clock
41
I/O
A
GPIO33: general purpose I/O
I/O
B
CLOCK_GGPS: GGPS clock out
P1.2
VDD_IOR1
I/O
Default
SQI_SIO0/SI: SQI Flash data I/O 0 / ser. I
42
I/O
A
GPIO34: general purpose I/O
I/O
B
SIGNGNS: GNS 3bit coding output (sign)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com