Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8088GA Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA8088GA
Description  Automotive Grade GPS/Galileo/Glonass/QZSS receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088GA Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA8088GA Datasheet HTML 9Page - STMicroelectronics STA8088GA Datasheet HTML 10Page - STMicroelectronics STA8088GA Datasheet HTML 11Page - STMicroelectronics STA8088GA Datasheet HTML 12Page - STMicroelectronics STA8088GA Datasheet HTML 13Page - STMicroelectronics STA8088GA Datasheet HTML 14Page - STMicroelectronics STA8088GA Datasheet HTML 15Page - STMicroelectronics STA8088GA Datasheet HTML 16Page - STMicroelectronics STA8088GA Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STA8088GA
Package and packing information
Doc ID 022679 Rev. 2
13/18
3
Package and packing information
3.1
ECOPACK® packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
3.2
VFQFPN56 package information
Table 7.
VFQFPN56 7 x 7 x 0.85 mm package dimensions
Symbol
Min.
Typ.
Max
Common dimensions
A
0.80
0.85
0.90
A1
0
0.01
0.05
A2
0.60
0.65
0.70
A3
0.20 REF
b
0.15
0.20
0.25
D
7.00 BSC
D1
6.75 BSC
D2
5.0
5.1
5.2
E
7.00 BSC
E1
6.75 BSC
E2
5.0
5.1
5.2
e
0.40 BSC
θ
12°
L
0.30
0.40
0.50
N56
Nd
14
Ne
14
P
0.24
0.42
0.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com