Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8088GA Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA8088GA
Description  Automotive Grade GPS/Galileo/Glonass/QZSS receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088GA Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA8088GA Datasheet HTML 10Page - STMicroelectronics STA8088GA Datasheet HTML 11Page - STMicroelectronics STA8088GA Datasheet HTML 12Page - STMicroelectronics STA8088GA Datasheet HTML 13Page - STMicroelectronics STA8088GA Datasheet HTML 14Page - STMicroelectronics STA8088GA Datasheet HTML 15Page - STMicroelectronics STA8088GA Datasheet HTML 16Page - STMicroelectronics STA8088GA Datasheet HTML 17Page - STMicroelectronics STA8088GA Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
STA8088GA
Revision history
Doc ID 022679 Rev. 2
17/18
5
Revision history
Table 9.
Document revision history
Date
Revision
Changes
17-Jan-2012
1
Initial release.
14-Mar-2012
2
Updated
Features list
Table 2: Main function pins:
– USB_DP/UART1_TX, USB_DM/UART1_RX: updated I/O
Table 7: VFQFPN56 7 x 7 x 0.85 mm package dimensions:
– Q, R: removed rows
Added
Table 8: VFQFPN56 8 x 8 x 0.85 mm package dimensions
Updated
Figure 5: Ordering information scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com