Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8088TG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA8088TG
Description  GPS/Galileo/Glonass/QZSS tracker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088TG Datasheet(HTML) 1 Page - STMicroelectronics

  STA8088TG Datasheet HTML 1Page - STMicroelectronics STA8088TG Datasheet HTML 2Page - STMicroelectronics STA8088TG Datasheet HTML 3Page - STMicroelectronics STA8088TG Datasheet HTML 4Page - STMicroelectronics STA8088TG Datasheet HTML 5Page - STMicroelectronics STA8088TG Datasheet HTML 6Page - STMicroelectronics STA8088TG Datasheet HTML 7Page - STMicroelectronics STA8088TG Datasheet HTML 8Page - STMicroelectronics STA8088TG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
February 2012
Doc ID 022668 Rev 2
1/16
1
STA8088TG
GPS/Galileo/Glonass/QZSS tracker
Features
■ STMicroelectronics
® 3rd generation positioning
receiver with 32 Tracking channels and 2 fast
acquisition channels compatible with GPS,
Galileo and Glonass systems
■ Hosted optimized architecture where host
resources are available to execute
– Positioning Software
–ST-AGPS
– Dead Reckoning SW
■ Embedded RAM enough for running
acquisition/tracking tasks (Flashless solution)
■ TCXO Clock Out Available
■ Embedded RF Front-End with separate
GPS/Galieo/QZSS and Glonass IF outputs
■ Embedded low noise amplifier
■ -162 dBm indoor sensitivity (tracking mode)
■ Fast TTFF < 1 s in Hot start and 35 s in Cold
Start
■ High performance ARM946 MCU (up to
208 MHz)
■ 256 Kbyte embedded SRAM
■ 2 UARTs
■ 3 Embedded 1.8 V voltage regulators
■ I/O level selectable 1.8 V or 3.3 V
■ Operating Condition:
–VDD12: 1.2 V ±10%
–VDD18/RF18: 1.8 V ±5%
–VLPVR 1.62 V to 3.6 V
–VddIO: 1.8 V ±5%; 3.3 V ±10%
■ ST Automotive Grade compliant
■ Packages:
– VFQFPN56 (7x7x0.85mm) 0.4 mm Pitch
– VFQFPN56 (8x8x0.85mm) 0.5 mm Pitch
■ Ambient temperature range: -40/+85°C
Description
STA8088TG is a host based positioning receivers
IC working on multiple constellations
(GPS/Galileo/Glonass/QZSS).
STA8088TG family enables telematic and handset
manufacturers to differentiate in the market by
providing the best performing solution at lowest
system cost.
The device is offered with a complete GNSS
firmware which performs all GNSS operations
including tracking, acquisition, navigation and
data output compatible with different Host
operating Systems.
VFQFPN56
www.st.com


Similar Part No. - STA8088TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA8088EXG STMICROELECTRONICS-STA8088EXG Datasheet
243Kb / 24P
Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
26-Mar-2012
STA8088FG STMICROELECTRONICS-STA8088FG Datasheet
274Kb / 17P
Fully Integrated GPS/Galileo/Glonass/QZSS Receiver with embedded RF and in-package Flash
07-Mar-2012
STA8088GA STMICROELECTRONICS-STA8088GA Datasheet
276Kb / 18P
Automotive Grade GPS/Galileo/Glonass/QZSS receiver
14-Mar-2012
More results

Similar Description - STA8088TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA8088EXG STMICROELECTRONICS-STA8088EXG Datasheet
243Kb / 24P
Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
26-Mar-2012
STA8088GA STMICROELECTRONICS-STA8088GA Datasheet
276Kb / 18P
Automotive Grade GPS/Galileo/Glonass/QZSS receiver
14-Mar-2012
logo
Tallysman Wireless Inc.
TW1829 TALLYSMAN-TW1829 Datasheet
239Kb / 3P
TW1829 Dual Band Antenna GPS/QZSS GLONASS Galileo Bei Dou
TW1889 TALLYSMAN-TW1889 Datasheet
242Kb / 3P
TW1889 Triple Band Antenna GPS/QZSS GLONASS Galileo Bei Dou
logo
STMicroelectronics
STA8089G STMICROELECTRONICS-STA8089G Datasheet
497Kb / 31P
GPS/Galileo/GLONASS/BeiDou/QZSS receiver
03-Jun-2020
STA8089GA STMICROELECTRONICS-STA8089GA Datasheet
512Kb / 32P
Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
03-Jun-2020
STA8089GAT STMICROELECTRONICS-STA8089GAT Datasheet
658Kb / 33P
Automotive extended temperature GPS/Galileo/GLONASS/BeiDou/QZSS receiver
04-Jun-2020
STA8090GA STMICROELECTRONICS-STA8090GA Datasheet
749Kb / 32P
Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
14-Sep-2018
STA8090WG STMICROELECTRONICS-STA8090WG Datasheet
554Kb / 34P
Fully Integrated GPS/Galileo/Glonass/QZSS receiver with embedded RF
05-Jun-2020
STA8090WGR STMICROELECTRONICS-STA8090WGR Datasheet
696Kb / 32P
GPS/Glonass/BeiDou2/QZSS ROM receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com