Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8088TG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA8088TG
Description  GPS/Galileo/Glonass/QZSS tracker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088TG Datasheet(HTML) 5 Page - STMicroelectronics

  STA8088TG Datasheet HTML 1Page - STMicroelectronics STA8088TG Datasheet HTML 2Page - STMicroelectronics STA8088TG Datasheet HTML 3Page - STMicroelectronics STA8088TG Datasheet HTML 4Page - STMicroelectronics STA8088TG Datasheet HTML 5Page - STMicroelectronics STA8088TG Datasheet HTML 6Page - STMicroelectronics STA8088TG Datasheet HTML 7Page - STMicroelectronics STA8088TG Datasheet HTML 8Page - STMicroelectronics STA8088TG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STA8088TG
Overview
Doc ID 022668 Rev 2
5/16
1
Overview
STA8088TG is a highly integrated System-On-Chip device designed for positioning systems
applications.
The embedded SRAM combined with a high performance ARM946 microprocessor allows
the running of acquisition/tracking tasks without the need of external Flash.
The RF Front-End and GNSS engines are able to support simultaneously
GPS/Galileo/Glonass and QZSS navigation systems.
The device is power supplied with 1.8 V and uses three on-chip voltage regulators to
internally supply the RF front-End, core logic and the backup logic. In order to reduce the
power consumption the chip can be directly powered with 1.2 V bypassing the embedded
voltage regulators which will be put in power down mode. I/O lines are compatible with 1.8 V
and 3.3V.
The chip, using STMicroelectronics CMOSRF Technology, is housed in either VFQFPN56
(7 x 7 x 0.85 mm) or VFQFPN56 (8 x 8 x 0.85 mm) packages.
The ST Automotive Grade devices (see
Figure 4: Ordering information scheme) with in
addition to AEC-Q100 qualification include a set of production flow methodology targeting
zero defect per million. They, fulfilling high quality and service level automotive market
requirements, are the ideal solution for in-dash navigation and OEM telematic application.
STA8088TG family enables telematic and handset manufacturers to differentiate in the
market by providing the best performing solution at lowest system cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com