Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8088TG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA8088TG
Description  GPS/Galileo/Glonass/QZSS tracker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088TG Datasheet(HTML) 3 Page - STMicroelectronics

  STA8088TG Datasheet HTML 1Page - STMicroelectronics STA8088TG Datasheet HTML 2Page - STMicroelectronics STA8088TG Datasheet HTML 3Page - STMicroelectronics STA8088TG Datasheet HTML 4Page - STMicroelectronics STA8088TG Datasheet HTML 5Page - STMicroelectronics STA8088TG Datasheet HTML 6Page - STMicroelectronics STA8088TG Datasheet HTML 7Page - STMicroelectronics STA8088TG Datasheet HTML 8Page - STMicroelectronics STA8088TG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STA8088TG
List of tables
Doc ID 022668 Rev 2
3/16
List of tables
Table 1.
Power supply pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 2.
Main function pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 3.
Test/emulated dedicated pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 4.
RF front-end pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 5.
Port 0 pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 6.
Port 1 pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 7.
VFQFPN56 7 x 7 x 0.85 mm package dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 8.
VFQFPN56 8 x 8 x 0.85 mm package dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 9.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com