Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F017 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT68F017
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F017 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT68F017 Datasheet HTML 41Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 42Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 43Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 44Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 45Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 46Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 47Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 48Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
45
May 14, 2012
Register
Reset
(Power-on)
LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(IDLE)
EEA
llll -- 00 0000 -- 00 0000
-- 00 0000
-- uu uuuu
EED
llll 0000 0000
0000 0000
0000 0000
uuuu uuuu
EEC
llll
---- 0000
---- 0000
---- 0000
---- uuuu
ADRL (ADRFS=0)
ll
xxxx
----
xxxx
----
xxxx
----
uuuu
----
ADRL (ADRFS=1)
ll
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRH (ADRFS=0)
ll
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRH (ADRFS=1)
ll
---- xxxx
---- xxxx
---- xxxx
---- uuuu
ADCR0
ll
0110
-- 00
0110
-- 00
0110
-- 00
uuuu
-- uu
ADCR1
ll
00
- 0 - 000
00
- 0 - 000
00
- 0 - 000
uu
- u - uuu
ACERL
ll
---- 1111
---- 1111
---- 1111
---- uuuu
CPC
llll 1000 0 -- 1 1000 0 -- 1
1000 0
-- 1
uuuu u
-- u
CTRL
llll
0
--- - x00
u
--- - uuu
u
--- - uuu
u
--- - uuu
LVRC
llll 0101 0101
0101 0101
0101 0101
uuuu uuuu
TM0C0
ll 0000 0 --- 0000 0 ---
0000 0
---
uuuu u
---
TM0C1
ll 0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0DL
ll 0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0DH
ll 0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0AL
ll 0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0AH
ll 0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0RP
ll 0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1C0
llll 0000 0 --- 0000 0 ---
0000 0
---
uuuu u
---
TM1C1
llll 0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1DL
llll 0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1DH
llll 0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1AL
llll 0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1AH
llll 0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1RP
llll 0000 0000
0000 0000
0000 0000
uuuu uuuu
Note:
²u² stands for unchanged
²x² stands for unknown
²-² stands for unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com