| Electronic Components Datasheet Search |
|
HT68F017 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68F017 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc |
|
4 / 116 page ![]() Reset and Initialisation .....................................................................42 Reset Functions ...................................................................................................42 Reset Initial Conditions .........................................................................................43 Input/Output Ports.............................................................................46 Pull-High Resistors ...............................................................................................46 Port A Wake-up ....................................................................................................47 I/O Port Control Register ......................................................................................47 Pin-remapping Functions......................................................................................48 Pin-remapping Registers ......................................................................................48 I/O Pin Structures .................................................................................................48 Programming Considerations ...............................................................................48 Timer Modules - TM..........................................................................50 Introduction ..........................................................................................................50 TM Operation .......................................................................................................50 TM Clock Source..................................................................................................50 TM Interrupts ........................................................................................................51 TM External Pins ..................................................................................................51 Programming Considerations ...............................................................................52 Compact Type TM - CTM..................................................................53 Compact TM Operation ........................................................................................53 Compact Type TM Register Description ...............................................................54 CTM Register List.................................................................................................54 Compact Type TM Operating Modes ....................................................................58 Compare Match Output Mode ..............................................................................58 Timer/Counter Mode.............................................................................................60 PWM Output Mode...............................................................................................60 Standard Type TM - STM..................................................................62 Standard TM Operation ........................................................................................62 Standard Type TM Register Description ...............................................................62 STM Register List .................................................................................................63 Standard Type TM Operating Modes....................................................................67 Compare Output Mode .........................................................................................67 Timer/Counter Mode.............................................................................................69 PWM Output Mode...............................................................................................69 Single Pulse Mode ...............................................................................................71 Capture Input Mode..............................................................................................72 Analog to Digital Converter..............................................................73 A/D Overview .......................................................................................................73 A/D Converter Register Description ......................................................................73 A/D Converter Data Registers ADRL, ADRH .......................................................73 A/D Converter Control Registers - ADCR0, ADCR1, ACERL...............................73 A/D Operation.......................................................................................................77 A/D Input Pins ......................................................................................................78 Contents Rev. 1.00 4 May 14, 2012 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |