Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F017 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT68F017
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F017 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT68F017 Datasheet HTML 37Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 38Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 39Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 40Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 41Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 42Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 43Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 44Page - Holtek Semiconductor Inc HT68F017 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
41
May 14, 2012
The maximum time out period is when the 2
18 division ra-
tio is selected. As an example, with a 32 kHz LIRC oscil-
lator as its source clock, this will give a maximum
watchdog period of around 8 second for the 2
18 division
ratio, and a minimum timeout of 7.8ms for the 2
8 division
ration.
· WDTC Register
Bit
76543210
Name
WE4
WE3
WE2
WE1
WE0
WS2
WS1
WS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
01010011
Bit 7~3
WE4~WE0: WDT function software control
If the WDT configuration option is
²always enable²:
10101 or 01010: Enabled
Other: Reset MCU
If the WDT configuration option is
²controlled by the WDT control register²:
10101: Disabled
01010: Enabled
Other: Reset MCU
When these bits are changed by the environmental noise or software setting to reset the
microcontroller, the reset operation will be activated after 2~3 LIRC clock cycles and the WRF bit
in the CTRL register will be set to 1.
Bit 2~0
WS2, WS1, WS0: WDT time-out period selection
000: 2
8/f
S
001: 2
10/f
S
010: 2
12/f
S
011: 2
14/f
S
100: 2
15/f
S
101: 2
16/f
S
110: 2
17/f
S
111: 2
18/f
S
· CTRL Register
Bit
76543210
Name
FSYSON
¾¾¾¾
LVRF
LRF
WRF
R/W
R/W
¾¾¾¾
R/W
R/W
R/W
POR
0
¾¾¾¾
x0
0
²x² unknown
Bit 7
FSYSON:fSYS Control in IDLE Mode
0: Disable
1: Enable
Bit 6~3
Unimplemented, read as
²0²
Bit 2
LVRF: LVR function reset flag
0: Not occur
1: Occurred
This bit is set to 1 when a specific Low Voltage Reset situation condition occurs. This bit can
only be cleared to 0 by the application program.
Bit 1
LRF: LVR Control register software reset flag
0: Not occur
1: Occurred
This bit is set to 1 if the LVRC register contains any non defined LVR voltage register values.
This in effect acts like a software reset function. This bit can only be cleared to 0 by the
application program.
Bit 0
WRF: WDT Control register software reset flag
0: Not occur
1: Occurred
This bit is set to 1 by the WDT Control register software reset and cleared by the application
program. Note that this bit can only be cleared to 0 by the application program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com