Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMG-DF102 Datasheet(PDF) 2 Page - alpha microelectronics gmbh

Part # AMG-DF102
Description  Full Bridge MOSFET/IGBT Driver up to 600V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-DF102 Datasheet(HTML) 2 Page - alpha microelectronics gmbh

  AMG-DF102 Datasheet HTML 1Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 2Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 3Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 9Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AMG-DF102
Full Bridge MOSFET/IGBT Driver up to 600V
3.1. Example Application Drawing
3.2. Application Notes
Transistors, bootstrap diodes and caps physically need to be placed as close as possible to
the IC. Via's and 90º trace curves should be avoided. For best performance the distance
between the transistors, bootstrap diodes and caps - and the IC should be kept under 1cm,
traces to the transistors should be straight and min. 1mm wide, if needed only 45º trace
curves. Bootstrap diodes need to be fast switching diodes. Bootstrap capacitors need to have
low ESR. Traces to/from the bootstrap diodes and caps should be min. 1mm wide, as short as
possible and only 45º curves used.
Additional information may be found in Application Note: AMG-AN-DF102
AMG-DF102
Revision: AB
30. Nov. 2010
© All rights reserved
Page 2 of 12
Figure 1: Please insert a clear example application drawing here.
VS
IH
GND
400V (PFC)
LOAD
IN1
IN2
GND
VBH
HOH
VSH
VB1
H01
IN2
IN1
INB
VS1
L01
VB2
H02
VS2
L02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com