Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMG-DF102 Datasheet(PDF) 6 Page - alpha microelectronics gmbh

Part # AMG-DF102
Description  Full Bridge MOSFET/IGBT Driver up to 600V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-DF102 Datasheet(HTML) 6 Page - alpha microelectronics gmbh

Back Button AMG-DF102 Datasheet HTML 2Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 3Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 10Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AMG-DF102
Full Bridge MOSFET/IGBT Driver up to 600V
5.10. UV Detection for the High Side
• Detecting under voltage conditions during power up and during operation. Pulling the high
side drivers low in case of too low a supply.
5.11. DRV
• CMOS gate driver output stage for low and high side.
6. Pinning
PIN#
Symbol
Description
1
INB
Logic input for high side gate driver output OHB
2
ENQ
Input to enable device operation (active low)
3
GND
Ground
4
PGND
Power Ground
5
OL1
Low side gate driver output, inverted to IN1
6
n.c.
7
VB1
High side gate driver supply
8
OH1
High side gate driver output, in phase with IN1
9
VS1
High side gate driver supply return
10
n.c.
11
VBH
High side buck driver supply
12
OHB
High side gate driver output, in phase with INB
13
VSH
High side buck driver supply return
14
n.c.
15
n.c.
16
VS2
High side gate driver supply return
17
OH2
High side gate driver output, in phase with IN2
18
VB2
High side gate driver supply
19
n.c.
20
VDD
Low side driver supply
21
OL2
Low side gate driver output, inverted to IN2
22
VCC
Logic supply
23
IN2
Input for high and low side gate drive outputs OH2 + OL2
24
IN1
Input for high and low side gate drive outputs OH1 + OL1
AMG-DF102
Revision: AB
30. Nov. 2010
© All rights reserved
Page 6 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com