Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMG-DF102 Datasheet(PDF) 10 Page - alpha microelectronics gmbh

Part # AMG-DF102
Description  Full Bridge MOSFET/IGBT Driver up to 600V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-DF102 Datasheet(HTML) 10 Page - alpha microelectronics gmbh

Back Button AMG-DF102 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 10Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 11Page - alpha microelectronics gmbh AMG-DF102 Datasheet HTML 12Page - alpha microelectronics gmbh  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AMG-DF102
Full Bridge MOSFET/IGBT Driver up to 600V
9.4. AC Characteristics
AC characteristics contain the spread of values guarantee within the specified supply voltage
and temperature range and the technology process parameter range unless otherwise
specified.
All values are valid at VCC = VDD =15V, VBX-VSX =15V, CLoad=1000pF, TJ= 25°C unless stated.
#
Symbol
Parameter
Typ
Max
Unit
1
tonINX5
Turn-on propagation delay
1200
ns
2
toffINX4
Turn-off propagation delay
50
ns
3
tr
Turn on rise time
100
ns
4
tf
Turn off fall time
50
ns
10. IC-Package
24-pin Plastic SOP
Small Outline Package (SOP)
JEDEC MS-012
SOP24
300 mil
Dimensions
(mm)
D
E
H
A
A1
e
b
L
w
nom
15.3
7.5
10.31
2.54
0.20
1.27
0.41
0.76
4°
5 The suffix x is a replacement for a respective 1, 2
AMG-DF102
Revision: AB
30. Nov. 2010
© All rights reserved
Page 10 of 12
e
D
b
A
1
A
L
w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com