Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMG-LI080 Datasheet(PDF) 6 Page - alpha microelectronics gmbh

Part # AMG-LI080
Description  Timer/Dimmer with Gate Driver, Zero Detection & Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-LI080 Datasheet(HTML) 6 Page - alpha microelectronics gmbh

Back Button AMG-LI080 Datasheet HTML 2Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 3Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 10Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AMG-LI080
Timer/Dimmer with Gate Driver, Zero Detection & Protection
6. Pinning
PIN#
Symbol
Description
1
VDD
Supply voltage
2
CS
Capacitor soft start
3
IOUT
Current source soft start
4
TRES
Input dimming time reset
5
INZ
Input detection zero crossing
6
CM1
Connection 1 capacitor mono-flop zero detect
7
GND
Signal ground
8
CM2
Connection 2 capacitor mono-flop zero detect
9
OT
Input over temperature
10
OV
Input over voltage
11
OC2
Input 2 over current
12
OC1
Input 1 over current
13
OUT
Output gate driver
14
OS
Output status
Figure 3: SOP14 Pinout
AMG-LI080
Revision: B
8. Nov. 2012
© All rights reserved
Page 6 of 24
1
7
8
14
VDD
CS
IOUT
INZ
GND
CM2
GND
OT
OV
OC1
OUT
OS
TRES
CM1
OC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com