Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMG-LI080 Datasheet(PDF) 10 Page - alpha microelectronics gmbh

Part # AMG-LI080
Description  Timer/Dimmer with Gate Driver, Zero Detection & Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-LI080 Datasheet(HTML) 10 Page - alpha microelectronics gmbh

Back Button AMG-LI080 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 10Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 11Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 12Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 13Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 14Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AMG-LI080
Timer/Dimmer with Gate Driver, Zero Detection & Protection
#
Symbol Parameter
Conditions
Min
Typ
Max
Unit
9
VOUTH
Output Voltage High OUT
-IOUT = 6mA
VDD =12V
7.5
9.2
-
V
10 VOUTH
Output Voltage High OUT
-IOUT = 10µA
VDD =12V
7.5
10.6
-
V
11 VOUTL
Output Voltage Low OUT
IOUT = 6mA
VDD =12V
-
0.2
0.55
V
12 VOUTL
Output Voltage Low OUT
IOUT = 10µA
VDD =12V
-
0.1
0.55
V
13 VOSL
Output Voltage Low Error-Mode OS
IOS= 2mA
VDD =12V
-
0.2
0.55
V
10.3. AC Characteristics
AC characteristics contain the spread of values guaranteed within the specified supply voltage and
temperature range and the technology process parameter range unless otherwise specified.
Tj = 25°C for typical values
Symbol
Parameter
Conditions
Typ
Max
Unit
tr OUT
Turn-on rise time
CL = 1.5nF
VDD =12V
200
500
ns
Tf OUT
Turn-off fall time
CL = 1.5nF
VDD =12V
200
500
ns
tSoft c
Soft Start Time cold
CCS = 4.7µF,
max. Full Power
PF= 0.95
VDD =12V
1.9
s
AMG-LI080
Revision: B
8. Nov. 2012
© All rights reserved
Page 10 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com