Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMG-LI080 Datasheet(PDF) 8 Page - alpha microelectronics gmbh

Part # AMG-LI080
Description  Timer/Dimmer with Gate Driver, Zero Detection & Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-LI080 Datasheet(HTML) 8 Page - alpha microelectronics gmbh

Back Button AMG-LI080 Datasheet HTML 4Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 5Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 10Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 11Page - alpha microelectronics gmbh AMG-LI080 Datasheet HTML 12Page - alpha microelectronics gmbh Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AMG-LI080
Timer/Dimmer with Gate Driver, Zero Detection & Protection
8. Function Table
# Function
Inputs
Outputs
1
OC1
OC2
OV
OT
OUT
OS
2 Normal
L
L
L
L
High Gate Voltage
H
3 Error Detection OC1
H
X
X
X
Low Gate Voltage
L
4 Error Detection OC2
X
H
X
X
Low Gate Voltage
L
5 Error Detection OV
X
X
H
X
Low Gate Voltage
L
6 Error Detection OT
X
X
X
H
Low Gate Voltage
L
H – High, L – Low, X – any input state
9. Absolute Maximum Ratings
The Absolute Maximum Ratings may not be exceeded under any circumstances.
#
Symbol
Parameter
Min
Max
Unit
1
VDD
Supply Voltage
-0.3
15
V
2
VOUT
Output Voltage OUT
(IOUTmax=
±10mA)
-0.3
VDD
V
3
VOS
Output Status OS
(IOSmax=3mA)
-0.3
VDD
V
4
VTRES
Input Voltage TRES
(ITRESmax=10mA)
-0.3
VDD
V
5
VIOUT
Input Voltage IOUT
(IIOUTmax=-1mA)
-0.3
VDD
V
6
VCS
Input Voltage CS
-13.5
VDD
V
7.1
VINCM1
Input Voltage CM1
(ICM1min=-1mA)
-0.3
VDD
V
7.2
VINCM2
Input Voltage CM2
(ICM2min=1mA)
-0.3
VDD
V
8
VOC, OV, OT
Input Voltage OC1, OC2, OV, OT
-0.3
1
V
9
VINZ
Input Voltage INZ
(IINZmax=2mA)
-0.3
6
V
10
IOUT
Current Output OUT
-10
10
mA
11
IO+
Output H short circuit pulsed current (Vout=0V,
PW<1us)
-150
0
mA
12
IO-
Output L short circuit pulsed current (Vout=12V,
PW<1us)
0
150
mA
13
ITRES
Input Current TRES
0
10
mA
14
ICM1
Input Current ICM1
-1
0
mA
15
ICM2
Input Current ICM2
0
1
mA
16
IOS
Output Current Status OS
0
3
mA
17
IINZ
Input Current INZ
2
mA
18
IIOUT
Output Current IOUT
-1
0
mA
AMG-LI080
Revision: B
8. Nov. 2012
© All rights reserved
Page 8 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com