Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXR702F080 Datasheet(PDF) 32 Page - Sony Corporation

Part # CXR702F080
Description  CMOS 32-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXR702F080 Datasheet(HTML) 32 Page - Sony Corporation

Back Button CXR702F080 Datasheet HTML 24Page - Sony Corporation CXR702F080 Datasheet HTML 25Page - Sony Corporation CXR702F080 Datasheet HTML 26Page - Sony Corporation CXR702F080 Datasheet HTML 27Page - Sony Corporation CXR702F080 Datasheet HTML 28Page - Sony Corporation CXR702F080 Datasheet HTML 29Page - Sony Corporation CXR702F080 Datasheet HTML 30Page - Sony Corporation CXR702F080 Datasheet HTML 31Page - Sony Corporation CXR702F080 Datasheet HTML 32Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
– 32 –
CXR702F080
Package Outline
Unit: mm
Sony Corporation
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE MASS
PACKAGE STRUCTURE
LFLGA-176P-01
ORGANIC SUBSTRATE
PACKAGE MATERIAL
TERMINAL TREATMENT
TERMINAL MATERIAL
P-LFLGA176-13X13-0.8
PIN 1 INDEX
13.0
0.2
A
S
0.15
x4
A
B
3 –
φ0.50
φ0.08 M SA B
1
11
12 3 4 5 6 7 8 9 10
12 13 14 5
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
0.5
0.55
0.55
0.8
176PIN LFLGA (PLASTIC)
0.90
DETAIL X
1.4MAX
0.1MAX
176 –
φ0.40 ± 0.05
0.5g
NICKEL & GOLD PLATING
COPPER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com