Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6462011 Datasheet(PDF) 27 Page - Texas Instruments

Part # 6462011
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6462011 Datasheet(HTML) 27 Page - Texas Instruments

Back Button 6462011 Datasheet HTML 23Page - Texas Instruments 6462011 Datasheet HTML 24Page - Texas Instruments 6462011 Datasheet HTML 25Page - Texas Instruments 6462011 Datasheet HTML 26Page - Texas Instruments 6462011 Datasheet HTML 27Page - Texas Instruments 6462011 Datasheet HTML 28Page - Texas Instruments 6462011 Datasheet HTML 29Page - Texas Instruments 6462011 Datasheet HTML 30Page - Texas Instruments 6462011 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
www.ti.com
ADS1299EEG-FE Analysis Tools
6
ADS1299EEG-FE Analysis Tools
Under the Analysis tab in the ADS1299EEG-FE GUI software, there are four different analysis tools
shown that enable a detailed examination of the signals selected by the front-end MUX:
•
Scope
•
Analysis
•
Histogram
•
FFT
These tools are detailed in the following subsections.
6.1
Scope Tab
6.1.1
Using the Analysis
→Scope Tool
The Scope tool (available under the Analysis tab) is a very useful means of examining the exact amplitude
of the measured input signals from each channel. Additionally, users can determine the noise contribution
from each channel at a given resolution, and review the sampling rate, the PGA gain, and the input signal
amplitude. Figure 29 illustrates the Scope tool features.
Figure 29. Scope Tool Features
6.1.2
Waveform Examination Tool
The waveform examination tool allows the user to zoom in either on all channels simultaneously or on a
single channel. Figure 30 shows an example of the waveform examination tool with the magnifying glass
zoomed in on 90 samples.
27
SLAU443 – May 2012
EEG Front-End Performance Demonstration Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com