Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6462011 Datasheet(PDF) 43 Page - Texas Instruments

Part # 6462011
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6462011 Datasheet(HTML) 43 Page - Texas Instruments

Back Button 6462011 Datasheet HTML 39Page - Texas Instruments 6462011 Datasheet HTML 40Page - Texas Instruments 6462011 Datasheet HTML 41Page - Texas Instruments 6462011 Datasheet HTML 42Page - Texas Instruments 6462011 Datasheet HTML 43Page - Texas Instruments 6462011 Datasheet HTML 44Page - Texas Instruments 6462011 Datasheet HTML 45Page - Texas Instruments 6462011 Datasheet HTML 46Page - Texas Instruments 6462011 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
www.ti.com
Test Options on the EVM
8
Test Options on the EVM
8.1
On Chip (ADS1299) Input Short
The channel input can be shorted internally by setting the input multiplexer of the individual channel to
001. The global registers must be set as shown in Figure 51. The channel control registers must be set as
shown in Figure 50. This test gives the noise in the channel. It also gives the offset in the channel. The
result can be seen in the analysis tab. Figure 52 shows a snapshot of the scope for internal input short
with gain setting of 24. The channel offset in this example is 23uV and noise is less than 1µVpp. 5000pts
at 500sps is taken there by giving data for 10 seconds.
Figure 50. Channel Setting for Input Short Test
Figure 51. Global Register Settings for Input Short Test
43
SLAU443 – May 2012
EEG Front-End Performance Demonstration Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com