Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6462011 Datasheet(PDF) 40 Page - Texas Instruments

Part # 6462011
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

6462011 Datasheet(HTML) 40 Page - Texas Instruments

Back Button 6462011 Datasheet HTML 36Page - Texas Instruments 6462011 Datasheet HTML 37Page - Texas Instruments 6462011 Datasheet HTML 38Page - Texas Instruments 6462011 Datasheet HTML 39Page - Texas Instruments 6462011 Datasheet HTML 40Page - Texas Instruments 6462011 Datasheet HTML 41Page - Texas Instruments 6462011 Datasheet HTML 42Page - Texas Instruments 6462011 Datasheet HTML 43Page - Texas Instruments 6462011 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
EEG Specific Features
www.ti.com
Figure 46. Scope Tab for Impedance Measurement at fDR/4 (DR = 4ksps)
7.3
External Calibration/Test Signals
ADS1299 generates a square wave test signal that can be used to check the functionality of the signal
chain (Refer to the datasheet for details). It also gives the user an option to provide external test signals
for calibration. For evaluation purposes with the EVM, the test signals can be provided directly to the
jumpers of the corresponding signals. SRB1 (pin2 of JP8), SRB2 (pin3 of JP7), BIASIN (Pin3 of JP6),
BIASREF (does not appear at a jumper, needs to be soldered to one side of R5).
7.3.1
Channel Inputs Disconnected
It may sometimes be required to provide a calibration or test signal to ADS1299 channel without the signal
being routed to the channel input pins (or electrodes). This can be accomplished by applying the positive
test signal to BIASIN pin and the negative test signal to BIASREF pin. The channel multiplexer must be
set as 010, BIASREF_INT bit in Config 3 register must be set to 0 to choose external BIASREF and
BIAS_MEAS bit in Config 3 must be set to 1. These multiplexer settings are illustrated in Figure 47.
40
EEG Front-End Performance Demonstration Kit
SLAU443 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com