Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS331APTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # LPS331APTR
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LPS331APTR Datasheet HTML 21Page - STMicroelectronics LPS331APTR Datasheet HTML 22Page - STMicroelectronics LPS331APTR Datasheet HTML 23Page - STMicroelectronics LPS331APTR Datasheet HTML 24Page - STMicroelectronics LPS331APTR Datasheet HTML 25Page - STMicroelectronics LPS331APTR Datasheet HTML 26Page - STMicroelectronics LPS331APTR Datasheet HTML 27Page - STMicroelectronics LPS331APTR Datasheet HTML 28Page - STMicroelectronics LPS331APTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
LPS331AP
Register description
Doc ID 022112 Rev 7
25/36
INT_SOURCE
Interrupt source
Address:
24h
Type:
R
Reset:
00h
Description:
INT_SOURCE register is cleared by reading INT_ACK register.
THS_P_L
Threshold pressure (LSB
)
Address:
25h
Type:
R/W
Reset:
00h
Description:
This register contains the low part of threshold value for pressure interrupt
generation. The complete threshold value is given by THS_P_H & THS_P_L and is
expressed as unsigned number.
76
543
210
00
000
IA
PL
PH
[7:3]
0
[2] IA: Interrupt Active.
(0: no interrupt has been generated; 1: one or more interrupt events have been generated).
[1] PL: Differential pressure Low.
(0: no interrupt has been generated; 1: Low differential pressure event has occurred).
[0] PH: Differential pressure High.
(0: no interrupt has been generated; 1: High differential pressure event has occurred).
76
543
210
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
[7:0] THS7 - THS0: Threshold pressure LSB. Default value: 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com