Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS331APTR Datasheet(PDF) 33 Page - STMicroelectronics

Part # LPS331APTR
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APTR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LPS331APTR Datasheet HTML 28Page - STMicroelectronics LPS331APTR Datasheet HTML 29Page - STMicroelectronics LPS331APTR Datasheet HTML 30Page - STMicroelectronics LPS331APTR Datasheet HTML 31Page - STMicroelectronics LPS331APTR Datasheet HTML 32Page - STMicroelectronics LPS331APTR Datasheet HTML 33Page - STMicroelectronics LPS331APTR Datasheet HTML 34Page - STMicroelectronics LPS331APTR Datasheet HTML 35Page - STMicroelectronics LPS331APTR Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
LPS331AP
Package mechanical section
Doc ID 022112 Rev 7
33/36
Table 20.
HCLGA-16L (3 x 3 x 1 mm) mechanical data
Figure 12.
Tray information
Symbol
Millimeters
Min
Typ
Max
E1
2.850
3.000
3.150
E3
0
D1
2.850
3.000
3.150
D3
0.700
R1
0.400
A1
1.000
L1
1.000
N1
0.500
L2
2.000
N2
1.000
P1
0.875
P2
1.275
T1
0.350
T2
0.250
d
0.150
K
0.050
M
0.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com