Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS331APTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # LPS331APTR
Description  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APTR Datasheet(HTML) 5 Page - STMicroelectronics

  LPS331APTR Datasheet HTML 1Page - STMicroelectronics LPS331APTR Datasheet HTML 2Page - STMicroelectronics LPS331APTR Datasheet HTML 3Page - STMicroelectronics LPS331APTR Datasheet HTML 4Page - STMicroelectronics LPS331APTR Datasheet HTML 5Page - STMicroelectronics LPS331APTR Datasheet HTML 6Page - STMicroelectronics LPS331APTR Datasheet HTML 7Page - STMicroelectronics LPS331APTR Datasheet HTML 8Page - STMicroelectronics LPS331APTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LPS331AP
Mechanical and electrical specifications
Doc ID 022112 Rev 7
5/36
2
Mechanical and electrical specifications
Conditions at VDD = 2.5 V, T = 25 °C, unless otherwise noted.
2.1
Mechanical characteristics
.
Table 3.
Mechanical characteristics
Symbol
Parameter
Test condition
Min. Typ.(1)
1.
Typical specifications are not guaranteed.
Max.
Unit
Top
Operating temperature range
-40
85
°C
Tfull
Full accuracy temperature
range
0–
80
°C
Pop
Operating pressure range
260
1260
mbar
Pbits
Pressure output data
24
bits
Pres
Pressure sensitivity
4096
LSB/
mbar
Paccrel
Relative accuracy over
pressure(2)
2.
Characterization data. Parameter not tested at final test
P = 800 to 1100 mbar
T= 25°C
± 0.1
± 0.2
mbar
PaccT
Absolute accuracy pressure
over temperature(3)
3.
Embedded pwl compensation.
P = 800 to 1100 mbar
T = 0
∼+80 °C
- 3.2
± 22.6
mbar
Pnoise
Pressure noise
See Table 17.
mbar
RMS
Tbits
Temperature output data
16
bits
Tres
Temperature sensitivity
480
LSB/°C
Tacc
Absolute accuracy temperature T= 0~+80 °C
± 2–
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com