Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0290000000 Datasheet(PDF) 24 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 24 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 20Page - Weidmuller 0290000000 Datasheet HTML 21Page - Weidmuller 0290000000 Datasheet HTML 22Page - Weidmuller 0290000000 Datasheet HTML 23Page - Weidmuller 0290000000 Datasheet HTML 24Page - Weidmuller 0290000000 Datasheet HTML 25Page - Weidmuller 0290000000 Datasheet HTML 26Page - Weidmuller 0290000000 Datasheet HTML 27Page - Weidmuller 0290000000 Datasheet HTML 28Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
Disconnect test terminals
147
Y
W
a r #
8/58/49
8/58/44
9 mm/M 3/3.5 x 0.6
500 V/19 A/4 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
A 3
(QB 2…4) 10
300 V/15 A/12 max. AWG
300 V/6.3 A/26…12 AWG
Y
+ W Qty.
0456360000 100
0105260000 100
Type
Cat. No.
Qty.
AP (1.5)
0380360000 20
TW HP (2.0) 0607000000 20
QB 24)
0461100000 100
QB 34)
0461200000 50
QB 44)
0461300000 50
K sleeve
0553300000 100
DEK 5 FW
see “Accessories”
ASK 1
ASK 1/35
multipole interruptable with
group marking carrier SchS 2;
2-pole
(Cat. No. 1359500000)
1000 mm (Cat. No. 0337400000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com