Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0290000000 Datasheet(PDF) 15 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 15 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 11Page - Weidmuller 0290000000 Datasheet HTML 12Page - Weidmuller 0290000000 Datasheet HTML 13Page - Weidmuller 0290000000 Datasheet HTML 14Page - Weidmuller 0290000000 Datasheet HTML 15Page - Weidmuller 0290000000 Datasheet HTML 16Page - Weidmuller 0290000000 Datasheet HTML 17Page - Weidmuller 0290000000 Datasheet HTML 18Page - Weidmuller 0290000000 Datasheet HTML 19Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
138
PE terminals
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data according to IEC 60 947-7-2
Rated voltage/current with PEN/cross-section
Rated voltage/rated impulse voltage acc. to VDE 0110/1.89/
pollution severity
Further technical data
Tightening torque range
Nm
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Fexible H07V-K and ferrule DIN 46 228/1
mm2
Cable AWG
Nr.
Plug gauge according to 60 947-7-1
Size
Ordering data
Version
Green/yellow PA
Blank
Two clamping yokes blank
Hexagon socket blank
Support block
For insulation of mounting rails
in insulated-earth installations
SK - key, 8mm
Marking tags
Print
DEK
Standard
a r # i
8/40/51.5
6.5/56/44
12 mm/M 3/3.5 x 0.6
–/–/4 mm2
0.5…1.0/0.5…1.0*
0.5…6
0.5…4
0.5…4
0.5…4
22…10
A 4
Y
Qty. W
Qty.
0354560000100 0661160000100
Type
Cat. No.
Qty.
SH 2
0494920000
10
DEK 6.5
see “Accessories”
a r #
6/36.5/49.5
6/56/40
10 mm/M 2.5/3.5 x 0.6
–/–/2.5 mm2
0.4…0.8/0.5…1.0*
0.5…4
0.5…2.5
0.5…4
0.5…2.5
22…14
A 3
Y
Qty. W
Qty.
0474360000100 0661060000100
Type
Cat. No.
Qty.
SH 2
0494920000 10
DEK 6
see “Accessories”
a r #
10/40/51.5
10/56/44
12 mm/M 4/5.5 x 1.0
–/–/10 mm2
1.2…2.4/0.5…1.0*
0.5…10
1.5…6
0.5…10
0.5…10
20….8
B 6
Y
Qty. W
Qty.
0354660000 80 0661360000 100
Type
Cat. No.
Qty.
SH 2
0494920000
10
DEK 5
see “Accessories”
Mounting rails, end brackets, further marking material see “Accessories”
Y
Y
a r #
8/56/44
12 mm/M 3.5/4.0/0.8
–/–/6 mm2
1.2…1.6/0.5…1.0*
0.5…10
1.5…6
0.5…10
0.5…6
20…8
A 5
W
Qty.
0661260000 100
Type
Cat No.
Qty.
SH 2
0494920000 10
DEK 8
see “Accessories”
W
W
Y
W
W
EK 2.5 N
EK 2.5/35
EK 4
EK 4/35
EK 10
EK 10/35
EK 6/35
* For centre screw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com