Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0290000000 Datasheet(PDF) 51 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 51 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 44Page - Weidmuller 0290000000 Datasheet HTML 45Page - Weidmuller 0290000000 Datasheet HTML 46Page - Weidmuller 0290000000 Datasheet HTML 47Page - Weidmuller 0290000000 Datasheet HTML 48Page - Weidmuller 0290000000 Datasheet HTML 49Page - Weidmuller 0290000000 Datasheet HTML 50Page - Weidmuller 0290000000 Datasheet HTML 51Page - Weidmuller 0290000000 Datasheet HTML 52Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
174
SP 90 FF2)
SP 90 LF3)
40/45.5/228.5/110
217/90
400* V/16 A/2.5/1.5 mm2
6 kV/3
Type
Cat. No.
Qty.
SP 90 FF**
0248120000
1
SP 90 FF**
0608920000
1
SP 90 LF**
0248220000
1
printed:
** A ...F / 1...15
Type
Cat. No.
Qty.
IH 2.8
0386060000 100
IH 6.3
0386260000 100
TOP 1.5 F/32
SP 10 FF2)
SP 10 LF3)
SP 60 FF2)
SP 60 LF3)
40.2/110.6/29.5
101.6/20.3
10 mm/M 2.5/3.5 x 0.6
250* V/6 A/1.5/1 mm2
4 kV/3
0.4…0.7
1
0.5…2.5
1.5
0.5…1.5
0.5…1.5
0.5…1.5
A1
Type
Cat. No.
Qty.
TOP 1.5 F/32 04431600001) 5
Type
Cat. No.
Qty.
IH 2.8
0386060000 100
42/46.5/170/28
147
1000* V/16 A/2.5/1.5 mm2
6 kV/3
Type
Cat. No.
Qty.
SP 10 FF
0456220000 10
Type
Cat. No.
Qty.
IH 2.8
0386060000 100
IH 6.3
0386260000 100
FW 5
see “Accessories”
40/45.5/162.5/110
151/90
400* V/16 A/2.5/1.5 mm2
6 kV/3
Type
Cat. No.
Qty.
SP 60 FF 4)
0340320000
1
SP 60 FF 4)
0340370000
1
SP 60 LF 4)
0343720000
1
SP 60 LF 4)
0343770000
1
SP 60 LF 5)
0124520000
1
SP 60 LF 5)
0124570000
1
printed:
4)
A...F / 1...10
5)
00...50 / 1...10
Type
Cat. No.
Qty.
IH 2.8
0386060000 100
IH 6.3
0386260000 100
Dimensions
Width/length/height (mm)
Hole spacing/mounting dimensions
mm
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage*/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule DIN 46 228/1
mm2
Flexible H07V-K and ferrule with plastic insul. collar
mm2
Plug gauge acc. to IEC 60 947-1
Size
Ordering data
Version
Pin 1.0 x 1.0
PA
Pin 0.8 x 2.8 (push-on), unprinted
PA
Pin 0.8 x 2.8 (push-on), printed, 1…32
PA
Pin 0.8 x 2.8 (push-on), printed, 1…32, blue
PA
6 x plug (6.3 x 0.8)
KrG
6 x plug (6.3 x 0.8), blue
KrG
6 x plug (6.3 x 0.8), bzw. 12 x 2.8 x 0.8 slotted
KrG
6 x plug (6.3 x 0.8), bzw. 12 x 2.8 x 0.8 slotted, blue
KrG
3 x plug (6.3x0.8) /1 x solder per pole
KrG
3 x plug (6.3x0.8) /1 x solder per pole, blue
KrG
3 x plug (6.3 x 0.8 bzw. 6 x 2.8 x 0.8)/1 x solder
KrG
3 x plug (6.3 x 0.8 bzw. 6 x 2.8 x 0.8)/1 x solder, blue
KrG
2 x direct connection, 1 x Pin 0.8 x 1.6
PA
Insulation sleeves
Marking tags
Print
dekafix
for group markers
1
) Rated voltage 125 V
Mounting rails, end brackets, further marking material see “Accessories”
* Insulation sleeves are to be used for tab connections to main-
tain the rated voltage.
2
) FF = Tab- Tab
3
)LF= Solder - Tab
Rack-mounted interface systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com