Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8904CGEFL/RV Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/RV
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/RV Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/RV Datasheet HTML 67Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 74Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
71
OUTPUT SIGNAL PATH
The outputs HPOUTL and LINEOUTL are normally derived from the Left DAC output, whilst the
outputs HPOUTR and LINEOUTR are normally derived from the Right DAC output, as illustrated in
Figure 37. A multiplexer is provided on each output path to select the BYPASSL or BYPASSR
analogue input signals in place of the DAC outputs.
A feedback path for common mode noise rejection is provided at HPOUTFB and LINEOUTFB for the
Headphone and Line outputs respectively. This pin must be connected to ground for normal
operation.
Each analogue output can be separately enabled; independent volume control is also provided for
each output. The output signal paths and associated control registers are illustrated in Figure 37. See
“Analogue Outputs” for details of the external connections to these outputs.
HPOUTL
HPOUTFB
CHARGE PUMP
HPOUTR
DC
Servo
AVDD
DCVDD
HPOUT and LINEOUT
drivers
BYPASSL
BYPASSR
HPOUTL_MUTE
HPOUT_VU
HPOUTLZC
HPOUTL_VOL
(-57dB to +6dB, 1 dB steps)
HPOUTR_MUTE
HPOUT_VU
HPOUTRZC
HPOUTR_VOL
(-57dB to +6dB, 1 dB steps)
LINEOUTL_MUTE
LINEOUT_VU
LINEOUTLZC
LINEOUTL_VOL
(-57dB to +6dB, 1 dB steps)
LINEOUTR_MUTE
LINEOUT_VU
LINEOUTRZC
LINEOUTR_VOL
(-57dB to +6dB, 1 dB steps)
HPL_PGA_ENA
HPR_PGA_ENA
LINEOUTL_PGA_ENA
LINEOUTR_PGA_ENA
LINEOUTL
LINEOUTFB
LINEOUTR
DAC L
DAC R
M
U
X
M
U
X
M
U
X
M
U
X
HPL_BYP_ENA
HPR_BYP_ENA
LINEOUTL_BYP_ENA
LINEOUTR_BYP_ENA
Figure 37 Output Signal Path and Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com