Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8904CGEFL/RV Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/RV
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/RV Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/RV Datasheet HTML 79Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 80Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 81Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 86Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
83
POP SUPPRESSION CONTROL
The WM8904 incorporates Wolfson’s SilentSwitch™ technology which enables pops normally
associated with Start-Up, Shutdown or signal path control to be suppressed. To achieve maximum
benefit from these features, careful attention is required to the sequence and timing of these controls.
Note that, under the recommended usage conditions of the WM8904, these features will be
configured by running the default Start-Up and Shutdown sequences as described in the “Control
Write Sequencer” section. In these cases, the user does not need to set these register fields directly.
The Pop Suppression controls relating to the Headphone / Line Output drivers are described in the
“Output Signal Path” section.
DISABLED INPUT CONTROL
The analogue inputs to the WM8904 are biased to VMID in normal operation. In order to avoid
audible pops caused by a disabled signal path dropping to AGND, the WM8904 can maintain these
connections at VMID when the relevant input stage is disabled. This is achieved by connecting a
buffered VMID reference to the input. The buffered VMID reference is enabled by setting
VMID_BUF_ENA; when the buffered VMID reference is enabled, it is connected to any unused input
pins.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
VMID
Control 0
6
VMID_BUF_ENA
0
VMID buffer to unused Inputs/Outputs
0 = Disabled
1 = Enabled
0
VMID_ENA
0
VMID Buffer Enable
0 = Disabled
1 = Enabled
Table 50 Disabled Line Input Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com