Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8904CGEFL/RV Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8904CGEFL/RV
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904CGEFL/RV Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8904CGEFL/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8904CGEFL/RV Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
19
OTHER PARAMETERS
VMID Reference
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Midrail Reference Voltage
(VMIDC pin)
-3%
AVDD/2
+3%
V
Charge up time (from fully discharged
to 10% below VMID)
External capacitor
4.7
F
890
μs
Microphone Bias (for analogue electret condenser microphones)
Additional test conditions: MICBIAS_ENA=1, all parameters measured at the MICBIAS pin
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Bias Voltage.
Note: 7/6 and 9/10 are available
only if MICVDD > AVDD.
Note: 3/2 and 4/3 are available
only if MICVDD ≥ 2.5V.
VMICBIAS
MICVDD = 2.5V
3mA load current,
MICBIAS_SEL = 1xx
-10%
3/2 x AVDD
+10%
V
MICBIAS_SEL = 011
-10%
4/3 x AVDD
+10%
MICBIAS_SEL = 010
-10%
7/6 x AVDD
+10%
MICBIAS_SEL = 001
-10%
10/9 x AVDD
+10%
MICBIAS_SEL = 000
-10%
9/10 ×AVDD
+10%
Drop out voltage between
MICVDD and MICBIAS
200
mV
Maximum source current
IMICBIAS
4
mA
Noise spectral density
At 1kHz
19
nV/√Hz
Power Supply Rejection Ratio
MICVDD to MICBIAS
PSRR
1kHz, 100mV pk-pk
MICVDD = 1.71 V
67
dB
20kHz, 100mV pk-pk
MICVDD = 1.71 V
76
1kHz, 100mV pk-pk
MICVDD = 2.5 V
88
20kHz, 100mV pk-pk
MICVDD = 2.5 V
84
1kHz, 100mV pk-pk
MICVDD = 3.6 V
61
20kHz, 100mV pk-pk
MICVDD = 3.6 V
70
Power Supply Rejection Ratio
MICVDD and AVDD to
MICBIAS
PSRR
1kHz, 100mV pk-pk
AVDD = MICVDD = 1.8 V
54
dB
20kHz, 100mV pk-pk
AVDD = MICVDD = 1.8 V
79
MICBIAS Current Detect Function (See Note 1)
Current Detect Threshold
(Microphone insertion)
MICDET_THR = 00
80
A
Current Detect Threshold
(Microphone removal)
60
Delay Time for Current Detect
Interrupt
tDET
3.2
ms
MICBIAS Short Circuit (Hook Switch) Detect Function (See Note 1)
Short Circuit Detect Threshold
(Button press)
MICSHORT_THR = 00
600
A
Short Circuit Detect Threshold
(Button release)
400
Minimum Delay Time for
Short Circuit Detect Interrupt
tSHORT
47
ms
Note 1 : If AVDD
1.8, current threshold values should be multiplied by (AVDD/1.8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com