Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8352 Datasheet(PDF) 134 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 134 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 138Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
134
The status of the DC-DC Converters can be indicated and monitored externally via a GPIO pin
configured as /VCC_FAULT (see Section 20). When a GPIO pin is configured as /VCC_FAULT
output, a logic low level on this pin indicates that there is a fault condition on one of the LDO
Regulators, DC-DC Converters, or the Current Limit switch.
The /VCC_FAULT output is configurable by the control fields in Register R215. The fields described
in Table 81 determine which of the DC-DCs contribute to the /VCC_FAULT indication. An
undervoltage or overvoltage condition on any unmasked DC-DC Converter will cause the
/VCC_FAULT output to be set to logic low.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R215 (D7h)
VCC_FAULT
5
DC6_FAULT
0
DCDC6 fault mask for the
/VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
4
DC5_FAULT
0
DCDC5 fault mask for the
/VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
3
DC4_FAULT
0
DCDC4 fault mask for the
/VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
2
DC3_FAULT
0
DCDC3 fault mask for the
/VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
1
DC2_FAULT
DCDC2 fault mask for the
/VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
0
DC1_FAULT
DCDC1 fault mask for the
/VCC_FAULT
0 = don't mask converter fault
1 = mask converter fault
Table 81 DC Converter /VCCFAULT mask bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com