Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8523GEFL/V Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/V
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/V Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
WM8523
Production Data
w
PD, Rev 4.1, August 2011
14
CONTROL INTERFACE TIMING – SPI MODE
SPI mode is selected by connecting the CIFMODE pin high.
Figure 5 Control Interface Timing – SPI Control Mode (Read Cycle)
Test Conditions
LINEVDD=AVDD=2.97~3.63V, LINEGND=AGND=0V, TA=+25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK rising edge to CSB falling edge
tCSU
40
ns
SCLK falling edge to CSB rising edge
tCHO
40
ns
SCLK pulse cycle time
tSCY
160
ns
SCLK pulse width low
tSCL
64
ns
SCLK pulse width high
tSCH
64
ns
SDA to SCLK set-up time
tDSU
20
ns
SDA to SCLK hold time
tDHO
40
ns
SDOUT propagation delay from SCLK falling
edge
tDL
5
ns
Pulse width of spikes that will be suppressed
tps
2
8
ns
Table 4 Control Interface Timing –SPI Control Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com