Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8523GEFL/V Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/V
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/V Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8523GEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
Production Data
WM8523
w
PD, Rev 4.1, August 2011
25
Interface timing is such that the input data and left/right clock are sampled on the rising edge of BCLK.
By setting the appropriate BCLK and LRCLK polarity bits, the WM8523 DAC can sample data on the
opposite clock edges.
The control of audio interface formats and clock polarities is summarised in Table 10.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3
AIF_CTRL1
03h
1:0
AIF_FMT
10
Audio Data Interface Format
00 = Right justified
01 = Left justified
10 = I2S format
11 = DSP mode
2
Reserved
0
Reserved
4:3
AIF_WL
10
Audio Data Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
5
AIF_BCLK_
INV
0
BCLK Inversion Control
Slave mode:
0 = use rising edge
1 = use falling edge
Master mode:
0 = BCLK normal
1 = BCLK inverted
6
AIF_LRCLK
_INV
0
LRCLK Inversion Control
0 = normal polarity
1 = inverted polarity
When AIF_FMT[2:0]=011 (DSP Mode):
0 = mode A (2nd clock)
1 = mode B (1st clock)
Table 10 Audio Interface Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com