Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD10PB Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # PXD10PB
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10PB Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button PXD10PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 9Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 10Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 11Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 12Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 13Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 14Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
PXD10 Product Brief, Rev. 1
Features
Freescale Semiconductor
12
•
On-chip generation of all output voltage levels
— LCD voltage reference taken from main 5V supply
•
LCD RAM
— Contains the data to be displayed on the LCD
— Data can be read from or written to the display RAM at any time
•
End of Frame interrupt
— Optimizes the refresh of the data without visual artefact
— Provides selectable number of frames between each interrupt
•
Contrast adjustment using programmable internal voltage reference
•
Remapping capability of 4 or 6 backplanes with frontplanes
— Increase pin selection flexibility
•
In low power modes, the LCD operation can be suspended under software control. The LCD can
also operate in low power modes, clocked by the internal 128 kHz IRC or external 32 KHz crystal
oscillator
•
Selectable output current boost during transitions
2.4.6
Stepper Motor Controller (SMC)
The SMC module is a PWM motor controller suitable to drive loads requiring a PWM signal. The motor
controller has twelve PWM channels associated with two pins each (24 pins in total).
The SMC module includes the following features:
•
10/11-bit PWM counter
•
11-bit resolution with selectable PWM dithering function
•
Left, right, or center aligned PWM
•
Output slew rate control
•
Output Short Circuit Detection
This module is suited for, but not limited to, driving small stepper and air core motors used in
instrumentation applications. This module can be used for other motor control or PWM applications that
match the frequency, resolution, and output drive capabilities of the module.
2.4.7
Stepper Stall Detector (SSD)
The stepper stall detector (SSD) module provides a circuit to measure and integrate the induced voltage
on the non-driven coil of a stepper motor using full steps when the gauge pointer is returning to zero (RTZ).
The SSD module features the following:
•
Programmable full step state
•
Programmable integration polarity
•
Blanking (recirculation) state
•
16-bit integration accumulator register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com