Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD10PB Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # PXD10PB
Description  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10PB Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button PXD10PB Datasheet HTML 10Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 11Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 12Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 13Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 14Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 16Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 17Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
PXD10 Product Brief, Rev. 1
Features
Freescale Semiconductor
14
•
Supports byte (8-bit), half word (16-bit), and word (32-bit) writes for optimal use of memory
2.4.11
QuadSPI serial flash controller
The QuadSPI module enables use of external serial flash memories supporting single, dual and quad
modes of operation. It features the following:
•
Memory mapping of external serial flash
•
Automatic serial flash read command generation by CPU, DMA or DCU read access on AHB bus
•
Supports single, dual and quad serial flash read commands
•
Flexible buffering scheme to maximize read bandwidth of serial flash
•
‘Legacy’ mode allowing QuadSPI to be used as a standard SPI (no DSI or CSI mode)
2.4.12
Analog-to-digital converter (ADC)
The ADC features the following:
•
10-bit A/D resolution
•
0 to 5 V common mode conversion range
•
Supports conversions speeds of up to 1
s
•
16 internal and 8 external channels support
•
Up to 16 single-ended inputs channels
— All channels configured to have alternate function as general purpose input/output pins
– 10-bit ±3 counts accuracy (TUE)
•
External multiplexer support to increase up to 23 channels
— Automatic 1 × 8 multiplexer control
— External multiplexer connected to a dedicated input channel
— Shared register between the 8 external channels
•
Result register available for every non-multiplexed channel
•
Configurable left- or right-aligned result format
•
Supports for one-shot, scan and injection conversion modes
•
Injection mode status bit implemented on adjacent 16-bit register for each result
— Supports access to result and injection status with single 32-bit read
•
Independently enabling of function for channels:
— Pre-sampling
— Offset error cancellation
—Offset refresh
•
Conversion Triggering support
— Internal conversion triggering from periodic interrupt timer (PIT)
•
Four configurable analog comparator channels offering range comparison with triggered alarm
— Greater than



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com