Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD20 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 76Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 77Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 78Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 79Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 80Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 81Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 82Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 83Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
80
pad_esdspacer_hv
————
——
pad_tgate_hv
————
——
pad_vdd33_hv
————
——
pad_vdde_hv
0
0
—
—
0
0
pad_vddint3v_hv
0
0
—
—
0
0
pad_vddint_hv
0
0
—
—
—
—
pad_vss_hv
0
0
—
—
—
—
pad_vsse_hv
0
0
—
—
—
—
pad_vssint3v_hv
0
0
—
—
—
—
pad_vssint_hv
0
0
—
—
—
—
spcr_17_82_hv
————
——
spcr_35_84_hv
————
——
spcr_71_88_hv
————
——
spcr_143_38_hv
————
——
spcr_vdde_lvl_hv
————
——
Table 27. AVG IDDE specifications
Cell
Period (ns)
Load (pF)1
1 All loads are lumped loads.
VDDE (V)
Drive/slew select
IDDE (mA)
pad_msr_hv2
2 Average current is for pad configured as output only. Use pad_i current for input.
24
50
5.5
11
14
62
50
5.5
01
5.3
317
50
5.5
00
1.1
425
200
5.5
00
3
pad_ssr_hv2
37
50
5.5
11
9
130
50
5.5
01
2.5
650
50
5.5
00
0.5
840
200
5.5
00
1.5
Table 26. Supply leakage (continued)
Pad
VDD
VDDE
VDD33
Typ
Max
Typ
Max
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com