Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD20 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 78Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 79Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 80Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 81Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 82Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 83Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 84Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 85Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
82
4.8.5
DC specification for CMOS090_ddr library @ VDDE = 1.8 V
Vih
SR
P
Input high voltage
Vref + 0.15
—
V
D9.85
Vil
SR
P
Input low voltage
—
Vref – 0.15
V
D9.86
Voh
SR
P
Output high voltage
Vtt + 0.81
—
V
D9.87
Vol
SR
P
Output low voltage
—
Vtt – 0.81
V
D9.88
Table 31. Output drive current @ VDDE = 2.5 V (±200mV)
Pad
C
Drive mode
Minimum Ioh (mA)
Minimum Iol (mA)
Libraries
pad_st_acc
P
011
–16.2
16.2
6MDDR
pad_st_dq
P
011
–16.2
16.2
6MDDR
pad_st_ck
P
011
–16.2
16.2
6MDDR
Table 32. DC electrical specifications for 1.8 V VDDE
Symbol
C
Parameter
Value
Unit
SpecID
Min
Max
Vdd
SR
P
Core supply voltage
1.08
1.32
V
D9.89
1.08
1.47
Vdde
SR
P
I/O supply voltage
1.7
1.9
V
D9.90
Vdd33
SR
P
I/O pre-driver supply voltage
3.0
3.6
V
D9.91
Vref
SR
P
Input reference voltage
0.49
 Vdde
0.51
 Vdde
V
D9.92
Vtt
SR
P
Termination voltage
Vref – 0.04
Vref + 0.04
V
D9.93
Vih
SR
P
Input high voltage
Vref + 0.125
—
V
D9.94
Vil
SR
P
Input low voltage
—
Vref – 0.125
V
D9.95
Voh
SR
P
Output high voltage
Vtt + 0.81
—
V
D9.96
Vol
SR
P
Output low voltage
—
Vtt – 0.81
V
D9.97
Table 33. Output drive current @ VDDE = 1.8 V (±100mV)
Pad
Drive mode
Minimum Ioh (mA)
Minimum Iol (mA)
Libraries
pad_st_acc
P
000
–3.57
3.57
6MDDR
001
–7.84
7.84
010
–5.36
5.36
110
–13.4
13.4
Table 30. DC electrical specifications at 2.5 V VDDE (continued)
Symbol
C
Parameter
Value
Unit
SpecID
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com