Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD20 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # PXD20
Description  PXD20 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button PXD20 Datasheet HTML 79Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 80Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 81Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 82Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 83Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 84Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 85Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 86Page - Freescale Semiconductor, Inc PXD20 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 130 page
background image
Electrical characteristics
PXD20 Microcontroller Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
83
pad_st_dq
P
000
–3.57
3.57
6MDDR
001
–7.84
7.84
010
–5.36
5.36
110
–13.4
13.4
pad_st_clk
P
000
–3.57
3.57
6MDDR
001
–7.84
7.84
010
–5.36
5.36
110
–13.4
13.4
Table 34. ODT DC electrical characteristics
Symbol
C
Parameter
Condition
Value
Unit
SpecID
Min
Typ
Max
Rtt
SR
C Effective impedance
value
PXD20 supports only 150 ohm termination and
that can be enabled by enabling any bit of the
termination control register (all of them are
OR’ed).
120
150
180
D9.98
Table 35. core_v_det_odt and core_v_det33_odt specifications
VDDE
C
VDD
Vtrip max (V)
Vtrip min
Hysteresis min (V)
3.5
C
Rising
0.79
0.44
0.07
C
Falling
0.56
0
1.62
C
Rising
0.65
0.3
0.16
C
Falling
0.33
0
Rising
C
0.0
1.40
0.3
—
Table 33. Output drive current @ VDDE = 1.8 V (±100mV) (continued)
Pad
Drive mode
Minimum Ioh (mA)
Minimum Iol (mA)
Libraries



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com