Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXR40PB Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # PXR40PB
Description  32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40PB Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  PXR40PB Datasheet HTML 1Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 2Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 3Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 4Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 5Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 6Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 7Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXR40PB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Features
PXR40 Product Brief, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
5
2.3
Critical performance parameters
The critical performance parameters of the PXR40 feature the following:
•
Maximum CPU frequency: 264 MHz
— Platform and peripheral modules typically run at half of the CPU frequency
— Some peripheral modules (including the eTPU modules) support a full frequency mode with a
maximum operating frequency of 200 MHz
•
Temperature range: –40
 to 105 C
•
Nominal power dissipation is less than 1.4 W, while enhancements to allow reduced power
operation using clock gating are included
•
Separate power supply available for stand-by operation of a portion of SRAM
2.3.1
Low-power modes
The PXR40 includes two special modes to allow reduction of application power consumption:
•
Slow mode: Allows the device to be run at very low speed (approximately 1 MHz), with modules
(including the PLL) selectively disabled by software.
•
Stop mode: System clock stopped to most modules including the CPU. Wake-up timer used to
restart the system clock after a predetermined time.
2.4
Package
The PXR40 is offered in a 416-ball PBGA, 1 mm ball pitch, 27 mm
 27 mm outline (no EBI) package
type.
2.5
Module features
The following sections provide more details of the modules implemented on the PXR40.
2.5.1
High-performance e200z7 core processor
The e200z7 core includes the following features:
•
Dual-issue, 32-bit Power Architecture® CPU
•
Supports the 32-bit Power Architecture Book E programmer’s model
•
64-bit general-purpose registers (GPRs) support vector instructions defined by the SPE2 APU
— All arithmetic instructions that execute in the core operate on data in the GPRs
•
Enhanced signal processing extension (SPE2) APU supports real-time fixed point and
single-precision embedded numerics operations using the GPRs
•
Variable length encoding (VLE) enhancements
— Allows optional encoding of mixed 16-bit and 32-bit instructions
— Results in smaller code size footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com