Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX026ALF Datasheet(PDF) 13 Page - Sony Corporation

Part # LCX026ALF
Description  2.3cm (0.9-inch) Black-and-White LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX026ALF Datasheet(HTML) 13 Page - Sony Corporation

Back Button LCX026ALF Datasheet HTML 9Page - Sony Corporation LCX026ALF Datasheet HTML 10Page - Sony Corporation LCX026ALF Datasheet HTML 11Page - Sony Corporation LCX026ALF Datasheet HTML 12Page - Sony Corporation LCX026ALF Datasheet HTML 13Page - Sony Corporation LCX026ALF Datasheet HTML 14Page - Sony Corporation LCX026ALF Datasheet HTML 15Page - Sony Corporation LCX026ALF Datasheet HTML 16Page - Sony Corporation LCX026ALF Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
– 13 –
LCX026ALF
5. Flicker
Flicker (F) is given by formula (7). DC and AC (SVGA/VGA/PC98/NTSC: 30Hz, rms, PAL: 25Hz, rms)
components of the panel output signal for gray raster∗ mode are measured by a DC voltmeter and a spectrum
analyzer in System II.
F [dB] = 20log
{
AC component } ...(7)
DC component
6. Image Retention Time
Apply the monoscope signal to the LCD panel for 60 minutes and then change this signal to the gray scale
of Vsig = 7.0 ± VAC (VAC: 3 to 4V). Judging by sight at the VAC that holds the maximum image retention,
measure the time till the residual image becomes indistinct.
∗ Monoscope signal conditions:
Vsig = 7.0 ± 4.5 or ± 2.0 [V]
(shown in the right figure)
Vcom = 6.6V
7. Cross Talk
Cross talk is determined by the luminance differences between adjacent areas represented by Wi' and
Wi (i = 1 to 4) around a black window (Vsig = 4.5 V/1V).
Cross talk value CTK =
× 100 [%]
∗ Each input signal voltage for gray raster mode
is given by Vsig = 7.0 ± V50 [V]
where: V50 is the signal amplitude which gives
50% of transmittance in V-T characteristics.
Black level
White level
Vsig waveform
7.0V
0V
4.5V
2.0V
4.5V
2.0V
W1 W1'
W3 W3'
W2
W2
'
W4
'
W4
Wi' – Wi
Wi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com