Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX026ALF Datasheet(PDF) 1 Page - Sony Corporation

Part # LCX026ALF
Description  2.3cm (0.9-inch) Black-and-White LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX026ALF Datasheet(HTML) 1 Page - Sony Corporation

  LCX026ALF Datasheet HTML 1Page - Sony Corporation LCX026ALF Datasheet HTML 2Page - Sony Corporation LCX026ALF Datasheet HTML 3Page - Sony Corporation LCX026ALF Datasheet HTML 4Page - Sony Corporation LCX026ALF Datasheet HTML 5Page - Sony Corporation LCX026ALF Datasheet HTML 6Page - Sony Corporation LCX026ALF Datasheet HTML 7Page - Sony Corporation LCX026ALF Datasheet HTML 8Page - Sony Corporation LCX026ALF Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Description
The LCX026ALF is a 2.3cm diagonal active matrix
TFT-LCD panel addressed by polycrystalline silicon
super thin film transistors with a built-in peripheral
driving circuit. Use of three LCX026ALF panels
provides a full-color representation. The striped
arrangement suitable for data projectors is capable
of displaying fine text and vertical lines.
The adoption of an advanced on-chip black matrix
realizes a high luminance screen. And cross talk
free circuit and ghost free circuit contribute to high
picture quality.
This panel has a polysilicon TFT high-speed
scanner and built-in function to display images
up/down and/or right/left inverse. The built-in 5V
interface circuit leads to lower voltage of timing and
control signals.
The panel contains an active area variable circuit
which supports SVGA/VGA/PC98∗1 data signals by
changing the active area according to the type of
input signal. In addition, double-speed processed
NTSC/PAL can also be supported.
∗1 “PC98” is a treadmark of NEC Corporation.
Features
• Number of active dots: 485,000 (0.9-inch, 2.3cm in diagonal)
• Accepts the computer requirements of SVGA (804
× 604), VGA (644 × 484) and PC98 (644 × 404) platforms
• Supports NTSC (644
× 484) and PAL (762 × 572) by processing the video signal at double speed
• High optical transmittance: 17% (typ.)
• Built-in cross talk free circuit and ghost free circuit
• High contrast ratio with normally white mode: 350 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• Up/down and/or right/left inverse display function
• High durable polarizer used
• Built-in
λ/2 retardation film for red light (V)
Element Structure
• Dots: 804 (H)
× 604 (V) = 485,616
• Built-in peripheral driver using polycrystalline silicon super thin film transistors
Applications
• Liquid crystal data projectors
• Liquid crystal projectors, etc.
– 1 –
LCX026ALF
E98536-PS
2.3cm (0.9-inch) Black-and-White LCD Panel
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
For the availability of this product, please contact the sales office.


Similar Part No. - LCX026ALF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX026AL SONY-LCX026AL Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALE SONY-LCX026ALE Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
More results

Similar Description - LCX026ALF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX026AL SONY-LCX026AL Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALE SONY-LCX026ALE Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026BLT SONY-LCX026BLT Datasheet
364Kb / 25P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
4.6cm (1.8-inch) Black-and-White LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CPT SONY-LCX029CPT Datasheet
334Kb / 27P
2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CRT SONY-LCX029CRT Datasheet
335Kb / 27P
2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CST SONY-LCX029CST Datasheet
334Kb / 27P
2.3cm (0.9 Type) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
4.6cm (1.8-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com