Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX026ALF Datasheet(PDF) 3 Page - Sony Corporation

Part # LCX026ALF
Description  2.3cm (0.9-inch) Black-and-White LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX026ALF Datasheet(HTML) 3 Page - Sony Corporation

  LCX026ALF Datasheet HTML 1Page - Sony Corporation LCX026ALF Datasheet HTML 2Page - Sony Corporation LCX026ALF Datasheet HTML 3Page - Sony Corporation LCX026ALF Datasheet HTML 4Page - Sony Corporation LCX026ALF Datasheet HTML 5Page - Sony Corporation LCX026ALF Datasheet HTML 6Page - Sony Corporation LCX026ALF Datasheet HTML 7Page - Sony Corporation LCX026ALF Datasheet HTML 8Page - Sony Corporation LCX026ALF Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
– 3 –
LCX026ALF
Absolute Maximum Ratings (VSS = 0V)
• H driver supply voltage
HVDD
–1.0 to +20
V
• V driver supply voltage
VVDD
–1.0 to +20
V
• Common pad voltage
COM
–1.0 to +17
V
• H shift register input pin voltage HST, HCK1, HCK2,
–1.0 to +17
V
RGT
• V shift register input pin voltage
VST, VCK, PCG,
–1.0 to +17
V
BLK, ENB, DWN
MODE1, MODE2, MODE3
• Video signal input pin voltage
SIG1, SIG2, SIG3, SIG4,
–1.0 to +15
V
SIG5, SIG6, PSIG
• Operating temperature
Topr
–10 to +70
°C
• Storage temperature
Tstg
–30 to +85
°C
Operating Conditions (VSS = 0V)
• Supply voltage
HVDD
15.5 ± 0.5V
VVDD
15.5 ± 0.5V
• Input pulse voltage (Vp-p of all input pins except video signal and uniformity improvement signal input pins)
Vin
5.0 ± 0.5V
Pin Description
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
PSIG
SIG4
SIG3
SIG5
SIG2
SIG6
SIG1
HVDD
RGT
MODE3
MODE2
MODE1
13
14
15
16
17
18
19
20
21
22
23
24
HST
HCK1
HCK2
Vss
BLK
ENB
VCK
VST
PCG
DWN
VVDD
COM
Start pulse for H shift register
drive
Clock pulse for H shift register
drive
Clock pulse for H shift register
drive
GND (H, V drivers)
Black Frame display pulse
Enable pulse for gate selection
Clock pulse for V shift register
drive
Start pulse for V shift register
drive
Improvement pulse for uniformity
Drive direction pulse for V shift
register (H: normal, L: reverse)
Power supply for V driver
Common voltage of panel
Symbol
Description
Pin
No.
Symbol
Description
Uniformity improvement signal
Video signal 4 to panel
Video signal 3 to panel
Video signal 5 to panel
Video signal 2 to panel
Video signal 6 to panel
Video signal 1 to panel
Power supply for H driver
Drive direction pulse for H shift
register (H: normal, L: reverse)
Display area switching 3
Display area switching 2
Display area switching 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com