Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8560 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8560
Description  High Voltage 4 Channel LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8560 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8560 Datasheet HTML 4Page - Richtek Technology Corporation RT8560 Datasheet HTML 5Page - Richtek Technology Corporation RT8560 Datasheet HTML 6Page - Richtek Technology Corporation RT8560 Datasheet HTML 7Page - Richtek Technology Corporation RT8560 Datasheet HTML 8Page - Richtek Technology Corporation RT8560 Datasheet HTML 9Page - Richtek Technology Corporation RT8560 Datasheet HTML 10Page - Richtek Technology Corporation RT8560 Datasheet HTML 11Page - Richtek Technology Corporation RT8560 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RT8560
8
DS8560-01 April 2011
www.richtek.com
Typical Operating Characteristics
VRISET vs. Temperature
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
VIN = 12V
LED Current vs. Temperature
16
17
18
19
20
21
22
23
24
-40
-15
10
35
60
85
110
135
Temperature (
°C)
VIN = 12V
VRISET vs. Input Voltage
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
8
12
1620
242832
3640
Input Voltage (V)
LED Current vs. Input Voltage
10
12
14
16
18
20
22
24
26
8
1216
2024
2832
3640
Input Voltage (V)
LED1
LED2
LED3
LED4
Efficiency vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
8
12
16202428
323640
Input Voltage (V)
60LEDs
LED Current vs. ACTL PWM Duty Cycle
0
2
4
6
8
10
12
14
16
18
20
0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100
%
Duty Cycle (%)
ACTL = 200Hz
ACTL = 1kHz
ACTL = 10kHz
ACTL = 20kHz
ACTL = 30kHz
ACTL = 0V to 3V, VIN = 12V
0
10
20
30
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com