Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8560 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8560
Description  High Voltage 4 Channel LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8560 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8560 Datasheet HTML 1Page - Richtek Technology Corporation RT8560 Datasheet HTML 2Page - Richtek Technology Corporation RT8560 Datasheet HTML 3Page - Richtek Technology Corporation RT8560 Datasheet HTML 4Page - Richtek Technology Corporation RT8560 Datasheet HTML 5Page - Richtek Technology Corporation RT8560 Datasheet HTML 6Page - Richtek Technology Corporation RT8560 Datasheet HTML 7Page - Richtek Technology Corporation RT8560 Datasheet HTML 8Page - Richtek Technology Corporation RT8560 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT8560
1
DS8560-01 April 2011
www.richtek.com
High Voltage 4 Channel LED Driver
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Applications
UMPC and Notebook Computer Backlight
GPS, Portable DVD Backlight
Desk Lights and Room Lighting
General Description
The RT8560 is a 60V 4-channel LED driver capable of
delivering 30mA to each channel with 15 LEDs (3.6V per
diode) total 60 LEDs with one driver. The RT8560 is a
current mode boost converter opearated at 1MHz switching
frequency, wide VIN range covers from 7V to 40V and the
on-chip current switch is rated at 1.5A.
The PWM output voltage loop selects and regulates the
LED pin with the highest voltage string to 0.9V allowing
voltage mismatches between LED strings. The RT8560
automatically detects and disconnects any unconnected
and/or broken strings during operation from PWM loop to
prevent VOUT from over voltage.
The 3% matched LED currents on all channels are simply
programmed with a resistor or a current sink. Both analog
dimming and digitally controlled PWM dimming are
supported by RT8560. Analog dimming is linearly
controlled by an external voltage. With an on-chip output
clampping amplifier and a 200k
Ω resistor, PWM dimming
signal is easily low-pass filtered to an analog dimming
signal with one external capacitor for noise-free PWM
dimming. A very high contrast ratio true digital PWM
dimming can be achieved by driving EN pin to PWM
shutdown the chip or by driving ACTL pin.
Other protecting features include programmable PWM
output over voltage protection, LED curren limit, PWM
switch current limit and thermal shutdown. The RT8560
is packaged with a tiny footprint package of WQFN-20L
4x4 packages.
Features
High Voltage : VIN up to 40V, VOUT up to 60V, Driving
up to 60 x 3.6V LEDs (15 each channel)
Channel Current Programmabe 4mA to 30mA and
Matched to 3% Accuracy
Current Mode PWM 1MHz Boost Converter
Easy Analog and Digital Dimming Control
Programmable Soft Start
Automatic Detecting Unconnected and/or Broken
Channel
Programmable Over Voltage Protection
Disconnects LED in Digital Dimming : Providing
High Accuracy Digital Dimming by PWM at ACTL
Pin or EN Pin
VIN Under Voltage Lockout
Over Temperature Protection
Current Limiting Protection
Small 20-Lead WQFN Package
RoHS Compliant and Halogen Free
Pin Configurations
(TOP VIEW)
WQFN-20L 4x4
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
1
2
3
4
5
15
14
13
12
11
6
7
89
10
20 19 18
16
17
LED4
GND
GND
GND
GND
SW
SW
EN
OVP
SS
VC
21
Package Type
QW : WQFN-20L 4x4 (W-Type)
RT8560
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8560

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8567A RICHTEK-RT8567A Datasheet
288Kb / 13P
6-CH 43V Constant Current LED Driver with PWM Dimming Control
More results

Similar Description - RT8560

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
Universal High Voltage Single Channel LED Driver
logo
Richtek Technology Corp...
RT8577 RICHTEK-RT8577 Datasheet
263Kb / 12P
High Voltage 4-CH LED Driver
logo
Alpha & Omega Semicondu...
AOZ1978 AOSMD-AOZ1978 Datasheet
608Kb / 17P
Dual Channel High Voltage LED Driver IC
logo
Richtek Technology Corp...
RT8489 RICHTEK-RT8489 Datasheet
310Kb / 16P
High Voltage 4-CH LED Driver Controller
logo
Texas Instruments
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
logo
ON Semiconductor
CAT3604V ONSEMI-CAT3604V_14 Datasheet
233Kb / 13P
4-Channel LED Driver
August, 2014 ??Rev. 4
CAT3648 ONSEMI-CAT3648_14 Datasheet
203Kb / 13P
4-Channel Ultra High Efficiency LED Driver
August, 2014 ??Rev. 3
logo
uPI Group Inc.
UP6034 UPI-UP6034 Datasheet
165Kb / 12P
4 Channel High Current Balance LED Driver
logo
Leadtrend Technology
LD7890 LEADTREND-LD7890 Datasheet
796Kb / 16P
High Voltage 4-Channel LED Controller Driver
logo
Bright Power Semiconduc...
BP5136HC BPS-BP5136HC Datasheet
429Kb / 2P
High Voltage Multi-channel linear LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com