Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8560 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8560
Description  High Voltage 4 Channel LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8560 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8560 Datasheet HTML 1Page - Richtek Technology Corporation RT8560 Datasheet HTML 2Page - Richtek Technology Corporation RT8560 Datasheet HTML 3Page - Richtek Technology Corporation RT8560 Datasheet HTML 4Page - Richtek Technology Corporation RT8560 Datasheet HTML 5Page - Richtek Technology Corporation RT8560 Datasheet HTML 6Page - Richtek Technology Corporation RT8560 Datasheet HTML 7Page - Richtek Technology Corporation RT8560 Datasheet HTML 8Page - Richtek Technology Corporation RT8560 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT8560
3
DS8560-01 April 2011
www.richtek.com
Figure 3. 1MHz, 20mA Full Scale Current PWM to Analog Dimming Control
LED1
LED2
LED3
LED4
DCTL
SS
VC
EN
OVP
VCC1
VOUT
1.8k
3.9nF
0.1µF
SW
10µH
VOUT
60V MAX
VIN
7V to 40V
5.36k
15 LED String
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
ACTL
RISET
1µF
10µF
PWM Signal
VCC2
LED
ISET
5.36k
I
= 20mA
R
×
R1
R2
COUT1 COUT2
4, 5
CVIN
L
COUT3
D
10
RVCC1
CVCC1
1µF
5V
1k
R3
VIN
RVCC2
10
CVCC2
1µF
RISET
RVC
CVC
1, 2, 3, 19, 20, Exposed Pad (21)
GND
15
14
13
12
11
6
7
8
9
10
18
16
17
RT8560
0.1µF
1k
R4
C3
R5
C1
C2
Figure 4. Wide Range VIN Application by Connecting VCC1 to LCD Driver Power AVDD
LED1
LED2
LED3
LED4
DCTL
SS
VC
EN
OVP
VCC1
VOUT
1.8k
3.9nF
0.1µF
SW
10µH
VOUT
60V MAX
VAVDD
7V to 40V
5.36k
15 LED String
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
ACTL
RISET
1µF
10µF
PWM Signal
VCC2
LED
ISET
5.36k
I
= 20mA
R
×
R1
R2
COUT1 COUT2
4, 5
CVIN
L
COUT3
D
10
RVCC1
CVCC1
2.2µF
5V
1k
R3
VIN
RVCC2
10
CVCC2
1µF
RISET
RVC
CVC
1, 2, 3, 19, 20, Exposed Pad (21)
GND
15
14
13
12
11
6
7
8
9
10
18
16
17
RT8560
VIN
4V to 40V
1k
R4
C2
R5
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com