Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9722 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9722
Description  145m廓, 1.5A Power Switch with Programmable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9722 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9722 Datasheet HTML 1Page - Richtek Technology Corporation RT9722 Datasheet HTML 2Page - Richtek Technology Corporation RT9722 Datasheet HTML 3Page - Richtek Technology Corporation RT9722 Datasheet HTML 4Page - Richtek Technology Corporation RT9722 Datasheet HTML 5Page - Richtek Technology Corporation RT9722 Datasheet HTML 6Page - Richtek Technology Corporation RT9722 Datasheet HTML 7Page - Richtek Technology Corporation RT9722 Datasheet HTML 8Page - Richtek Technology Corporation RT9722 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT9722
5
DS9722-00 August 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
FLG Output Resistance
RFLG
ISINK = 1mA
--
20
--
Ω
FLG Off Current
IFLG_Off
VFLG = 5V
--
0.01
1
μA
FLG Delay Time
tD
From Fault Condition to FLG
Assertion
5
12
20
ms
Under Voltage Lockout
Threshold
VUVLO
VIN Increasing
--
2
2.4
V
Under Voltage Hysteresis
ΔVUVLO
VIN Increasing
--
0.1
--
V
Thermal Shutdown Protection
TSD
--
150
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
20
--
°C
Note 1. Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity single layer test board of
JEDEC 51-3 thermal measurement standard.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com