Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9722 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9722
Description  145m廓, 1.5A Power Switch with Programmable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9722 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9722 Datasheet HTML 6Page - Richtek Technology Corporation RT9722 Datasheet HTML 7Page - Richtek Technology Corporation RT9722 Datasheet HTML 8Page - Richtek Technology Corporation RT9722 Datasheet HTML 9Page - Richtek Technology Corporation RT9722 Datasheet HTML 10Page - Richtek Technology Corporation RT9722 Datasheet HTML 11Page - Richtek Technology Corporation RT9722 Datasheet HTML 12Page - Richtek Technology Corporation RT9722 Datasheet HTML 13Page - Richtek Technology Corporation RT9722 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RT9722
11
DS9722-00 August 2011
www.richtek.com
Figure 4. RT9722 Maximum Power Dissipation Derating
Curve
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
025
50
75
100
125
Ambient Temperature (°C)
WDFN-6L 2x2
SOT-23-5/SOT-23-6
Single Layer PCB
Layout Consideration
For the best performance of the RT9722, careful PCB
layout is necessary. The following guidelines must be
considered:
Keep all input and output traces as short and wide as
possible.
Locate the bypass capacitors as close as possible to
the input and output pin of the RT9722.
Avoid vias as much as possible. If vias are necessary,
make them as large as feasible.
Place a ground plane under all circuitry to lower both
resistance and inductance and improve DC and transient
performance (Use a separate ground and power plane if
possible).
Figure 5. PCB Layout Guide
PD(MAX) = (125
°C − 25°C) / (165°C/W) = 0.606W for
WDFN-6L 2x2 package
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For the RT9722 Figure 4 shows the
maximum power dissipation allowed under various ambient
temperatures.
VOUT GND SET
VIN
4
23
5
6
EN/EN
FLG
Rpull-up
CIN
COUT RSET
The input and output
capacitors should be
placed as close as
possible to the IC.
The main current
trace should be
as possible as
short and wide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com