Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9367C Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9367C
Description  I2C Programmable White LED Driver with Dual LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9367C Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9367C Datasheet HTML 1Page - Richtek Technology Corporation RT9367C Datasheet HTML 2Page - Richtek Technology Corporation RT9367C Datasheet HTML 3Page - Richtek Technology Corporation RT9367C Datasheet HTML 4Page - Richtek Technology Corporation RT9367C Datasheet HTML 5Page - Richtek Technology Corporation RT9367C Datasheet HTML 6Page - Richtek Technology Corporation RT9367C Datasheet HTML 7Page - Richtek Technology Corporation RT9367C Datasheet HTML 8Page - Richtek Technology Corporation RT9367C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
RT9367C
4
DS9367C-01 March 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
C1N
Fly Capacitor 1 Negative Connection.
2
C2N
Fly Capacitor 2 Negative Connection.
3
PGND
Power Ground.
4
C2P
Fly Capacitor 2 Positive Connection.
5
C1P
Fly Capacitor 1 Positive Connection.
6
PVIN
Power Input.
7
SCL
I2C Clock Input.
8
SDA
I2C Data Input.
9
ENA
Chip Enable (Active High).
10, 15
NC
No Internal Connection.
11
AGND
Analog Ground.
12
LDO1
LDO 1 Output.
13
AVIN
Analog Power Input.
14
LDO2
LDO 2 Output.
16
LED4
Current Sink for LED4.
17
LED3
Current Sink for LED3.
18
LED2
Current Sink for LED2.
19
LED1
Current Sink for LED1.
20
VOUT
Charge Pump Output.
21 (Exposed Pad)
GND
The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
Function Block Diagram
PVIN
LED1
LED2
LED3
VOUT
LED4
SCL
Current
Limitation
Soft Start
Circuit
DAC
32 Steps
Current Setting
Register
Channel
Selecting
Register
Current
Bias
UVLO
BandGap
Reference
Gate Driver
x1/x1.5/x2
Mode Decision
1MHz
Oscillator
x1/x1.5/x2
Charge Pump
Low Dropout Current
Source
Vr1
32 Step Voltage
Reference Register 2
RSET
+
-
AVIN
+
-
32 Step Voltage
Reference Register 1
+
-
I
2C
OTP
SDA
LDO2
LDO1
PGND
OVP
+
-
AVIN
AGND
ENA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com