Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9367C Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9367C
Description  I2C Programmable White LED Driver with Dual LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9367C Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9367C Datasheet HTML 1Page - Richtek Technology Corporation RT9367C Datasheet HTML 2Page - Richtek Technology Corporation RT9367C Datasheet HTML 3Page - Richtek Technology Corporation RT9367C Datasheet HTML 4Page - Richtek Technology Corporation RT9367C Datasheet HTML 5Page - Richtek Technology Corporation RT9367C Datasheet HTML 6Page - Richtek Technology Corporation RT9367C Datasheet HTML 7Page - Richtek Technology Corporation RT9367C Datasheet HTML 8Page - Richtek Technology Corporation RT9367C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
RT9367C
1
DS9367C-01 March 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
I2C Programmable White LED Driver with Dual LDO
General Description
The RT9367C is an integrated solution for backlighting
and phone camera input supply. The part contains a charge
pump white LED driver and dual low dropout linear
regulators. This IC can be shutdown by pulling ENA low.
In the section of charge pump, The RT9367C can power
up 4 white LEDs with regulated constant current for uniform
intensity. Each channel (LED1-LED4) can support up to
25mA. The part maintains highest efficiency by utilizing
a x1/x1.5/x2 fractional charge pump and low dropout
current regulators. An internal 5-bit DAC is used for
brightness control. Users can easily configure up to 32-
step of LED current by I2C interface.
In the section of linear regulator, The RT9367C comprises
a dual channel, low noise, and low dropout regulator
sourcing up to 300mA at each channel. The range of output
voltage can be configured from 1.1V to 3.3V by I2C
interface. The outputs of LDO offer 3% accuracy and low
dropout voltage of 250mV @300mA. The LDO also
provides current limiting and output short circuit thermal
folded back protection.
Features
An Integrated Solution for Backlighting and Phone
Camera Input Supply
I2C Programmable, 32 Steps Dimming Control and
Independent Channel On/Off Control
Over Temperature Protection
Power On Reset for Data Register
Typical 1uA Low Shutdown Current with Interface
Fully On
Charge Pump White LED Driver
Over 93% Peak Efficiency Over Li-ion Battery
Discharge
Typical 85% Average Efficiency Over Li-ion Battery
Discharge
Support Up to 4 White LEDs
Output Current Up to 25mA/Channel 100mA Total
60mV Typical Current Source Dropout
1% Typical LED Current Accuracy
0.7% Typical LED Current Matching
Automatic x1/x1.5/x2 Charge Pump Mode
Transition
Low Input Noise and EMI Charge Pump
5.5V Over Voltage Protection
Power On/Mode Transition In-rush Protection
1MHz Random Frequency Oscillator
Typical 0.1uA Low Shutdown Current
Dual LDO
Wide Operating Voltage Range
Low-Noise Output
No Noise Bypass Capacitor Required
Fast Response in Line/Load Transient
Low Temperature Coefficient
Dual LDO Outputs (300mA/300mA)
3% Max Output Accuracy
Current Limit Protection
Short Circuit Thermal Folded Back Protection
Typical 0.1uA Low Shutdown Current
RoHS Compliant and Halogen Free
Applications
Camera Phone, Smart Phone
White LED Backlighting, CMOS Sensor Input Supply
RT9367C
Package Type
QW : WQFN-20L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)


Similar Part No. - RT9367C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9361A RICHTEK-RT9361A Datasheet
282Kb / 12P
Tiny Package, High Performance, Regulated Charge Pump
RT9363 RICHTEK-RT9363 Datasheet
192Kb / 12P
Smallest 60mA 3-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9363A RICHTEK-RT9363A Datasheet
184Kb / 11P
3 Channels 90mA x1/x2 Charge Pump White LED Driver
RT9368 RICHTEK-RT9368 Datasheet
225Kb / 10P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9368A RICHTEK-RT9368A Datasheet
217Kb / 12P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
More results

Similar Description - RT9367C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
White LED Driver System with I2C Compatible Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
Dual Display White LED Driver with I2C Compatible Brightness Control
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
High power white LED driver with I2C??interface
12-Sep-2007
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
White LED Driver System with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Texas Instruments
LM27965 TI1-LM27965 Datasheet
1,017Kb / 23P
LM27965 Dual Display White LED Driver with I2C Compatible Brightness Control
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
LM27966 White LED Driver with I2C Compatible Interface
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
KTD2037 KINETIC-KTD2037 Datasheet
741Kb / 22P
I2C Programmable RGB LED Driver with AutoBlinQ™
August 2017 - Revision 04d
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com