Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9367C Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9367C
Description  I2C Programmable White LED Driver with Dual LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9367C Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9367C Datasheet HTML 4Page - Richtek Technology Corporation RT9367C Datasheet HTML 5Page - Richtek Technology Corporation RT9367C Datasheet HTML 6Page - Richtek Technology Corporation RT9367C Datasheet HTML 7Page - Richtek Technology Corporation RT9367C Datasheet HTML 8Page - Richtek Technology Corporation RT9367C Datasheet HTML 9Page - Richtek Technology Corporation RT9367C Datasheet HTML 10Page - Richtek Technology Corporation RT9367C Datasheet HTML 11Page - Richtek Technology Corporation RT9367C Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
RT9367C
8
DS9367C-01 March 2011
www.richtek.com
Typical Operating Characteristics
Efficiency vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
2.8 3 3.2 3.4 3.6 3.8 4 4.2 4.4 4.6 4.8 5 5.2 5.4 5.6
Input Voltage (V)
Vf = 3.1V, LED = 15mA
LED Current vs. Input Voltage
10
11
12
13
14
15
16
17
18
19
20
2.8 3 3.2 3.4 3.6 3.8 4 4.2 4.4 4.6 4.8 5 5.2 5.4 5.6
Input Voltage (V)
Vf = 3.1V, LED = 15mA
LED1
LED2
LED3
LED4
x1 Mode Quiescent Current vs. Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
Input Voltage (V)
15mA
LDE1 to 4 Short
x2 Mode Quiescent Current vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.83.2
3.6
4
4.44.8
5.25.6
Input Voltage (V)
15mA
LDE1 to 4 Open
Efficiency vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
2.6
3.1
3.6
4.1
4.6
5.1
5.6
Input Voltage (V)
Vf = 3.3V, LED = 25mA
LED Current vs. Input Voltage
0
5
10
15
20
25
30
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
Vf = 3.3V, LED = 25mA
LED1
LED2
LED3
LED4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com