Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22017 Datasheet(PDF) 84 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 84 Page - ITT Industries

Back Button 22017 Datasheet HTML 80Page - ITT Industries 22017 Datasheet HTML 81Page - ITT Industries 22017 Datasheet HTML 82Page - ITT Industries 22017 Datasheet HTML 83Page - ITT Industries 22017 Datasheet HTML 84Page - ITT Industries 22017 Datasheet HTML 85Page - ITT Industries 22017 Datasheet HTML 86Page - ITT Industries 22017 Datasheet HTML 87Page - ITT Industries 22017 Datasheet HTML 88Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 120 page
background image
Basic Plug
Shell Dimensions
DPK Styles
Junction shell and hardware are not supplied on -G131 and
-G185 layouts.
See page 85 Style M and H
1
1. Springs are pre-loaded to 25 pounds each in free position.
2. Spring forces will be 118 pounds minimum at .500 (12.70) panel spacing and 176
pounds maximum at .390 (9.91) panel spacing
NOTES:
1. Springs are pre-loaded to 25 pounds each in free position.
2. Spring forces will be 59 pounds minimum at .500 (12.70) panel spacing and 88
pounds maximum at .390 (9.91) panel spacing
NOTES:
L
D
A
TYP.
Mounting Style A
Mounting Spacing Dimensions
For Jackscrew Assemblies
Mounting Style X - MIL-C-83733/2(USAF)
With Guide Pins and Spring Mounting
Mounting Style K - MIL-C-83733/4(USAF)
With Captive Springs
DPK/MIL-C-83733 TYPES
DPKA*S**
1.959 (49.76)
1.946 (49.43)
3.259 (82.78)
3.246 (82.45)
1.864 (47.35)
1.853 (47.07)
3.164 (80.37)
3.153 (80.09)
1.780 (45.21)
1.763 (44.78)
3.080 (78.23)
3.063 (77.80)
2.580 (65.53)
2.570 (65.28)
3.880 (96.52)
3.870 (98.30)
3.030 (76.96)
3.000 (76.20)
4.330 (109.98)
4.300 (109.22)
2.150 (54.61)
2.130 (54.10)
3.450 (87.63)
3.430 (87.12)
DPKB*S**
SHELL SIZEA
B
C
D
L
N
Staggered †
1
1.158 ± .012
(29.41 ± 0.30)
.312 ± .010
(7.92 ± 0.25)
4 PLACES
.125 ± .010R.
(3.18 ± 0.25)
2 PLACES
.532 ± .008
(13.51 ± 0.20)
.116 ± .080
(2.94 ± 2.03)
.200 ± .002 DIA.
(5.08 ± 0.05)
.116 ± .080 DIA.
(2.94 ± 2.03)
1.370
(34.80)
MAX.
.190 (4.82) -32 UNF-2
31˚
29˚
.190 (4.82) -24 UNC-2A
THREAD
.138 (3.50) -32 UNC-2B
THREAD
.562 ± .004
(14.28 ± 0.10)
.780 ± .005
(19.81 ± 0.13)
.878 ± .005
(22.56 ± 0.13)
.700 ± .010
(17.78 ± 0.25)
1.265 MAX.
(32.13)
1.010 MAX. (25.65)
1.002 +.008 - .017
(25.45 +_ 0.20 - 0.43)
JUNCTION SHELL
.030 + .010 - .000R
(0.76 + 0.25 - 0)
4 PLACES
.622 + .006 - .007
(15.80 + 0.20 - 0.18)
.111 + .008 - .007
(2.82 + 0.20 - 0.18)
THRUST WASHER
JACKSCREW
305-0007-000
JACKSCREW ASSY
.196 + .004 - .003 DIA.
(5.03 + 0.10 - 0.06)
2 HOLES
.500 MAX.
(12.70)
POLARIZING POST
2 REQD.
.138 (3.50) - 32 UNC-2A
THREAD
.390 MAX.
(9.91)
1.250 (31.75)MAX.
SPRING IN FREE
POSTION
RETAINING RING
.040 (1.02) DIA.
WIRE HOLE SAFETY
CONNECTOR
PLUG
CONNECTOR
RECEPTACLE
CONNECTOR
PANEL (REF.)
C
B
†
MIL-C-83733
DPK
Plug/Configurations (Socket Contacts)
84
www.ittcannon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com